Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXB0106 Datasheet (PDF) - Texas Instruments

TXB0106 Datasheet PDF - Texas Instruments
Part # TXB0106
Download  TXB0106 Download
File Size   1845.14 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXB0106-Q1 6-Bit Bidirectional Voltage-Level Translator With Auto-Direction Sensing and ±10kV ESD Protection

TXB0106 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXB0106 Datasheet PDF - Texas Instruments

Part # TXB0106
Download  TXB0106 Click to download

File Size   1845.14 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXB0106-Q1 6-Bit Bidirectional Voltage-Level Translator With Auto-Direction Sensing and ±10kV ESD Protection

TXB0106 Datasheet (HTML) - Texas Instruments


TXB0106 Product details

1 Features
• Qualified for Automotive Applications
• 1.2V to 3.6V on A Port and 1.65 to 5.5V on B Port
(VCCA ≤ VCCB)
• VCC Isolation Feature – If Either VCC Input Is at
GND, All Outputs Are in the High-Impedance State
• OE Input Circuit Referenced to VCCA
• Ioff Supports Partial-Power-Down Mode Operation
• ESD Protection Exceeds AEC-Q100
– A Port
• 2000V Human-Body Model
• 1500V Charged-Device Model
– B Port
• ±10kV Human-Body Model
• 1500V Charged-Device Model

2 Applications
• Heating and Cooling
• Telematics
• Radar

3 Description
This 6-bit noninverting translator uses two separate
configurable power-supply rails. The A port is
designed to track VCCA. VCCA accepts any supply
voltage from 1.2V to 3.6V. The B port is designed
to track VCCB. VCCB accepts any supply voltage from
1.65V to 5.5V. This allows for universal low-voltage
bidirectional translation between any of the 1.2V, 1.5V,
1.8V, 2.5V, 3.3V, and 5V voltage nodes. VCCA should
not exceed VCCB.
When the output-enable (OE) input is low, all outputs
are placed in the high-impedance state.
The TXB0106-Q1 device is designed so that the OE
input circuit is supplied by VCCA.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the device when it is powered down.
To ensure the high-impedance state during power up
or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor
is determined by the current-sourcing capability of the
driver.




Similar Part No. - TXB0106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
568Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
650Kb / 20P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106 TI2-TXB0106 Datasheet
562Kb / 29P
TXB0106-Q1 6-Bit Bidirectional Voltage-Level Translator With Auto-Direction Sensing and ±10-kV ESD Protection
REVISED APRIL 2018
TXB0106 TI2-TXB0106 Datasheet
1Mb / 35P
TXB0106-Q1 6-Bit Bidirectional Voltage-Level Translator With Auto-Direction Sensing and ±10kV ESD Protection
REVISED AUGUST 2025
More results


Similar Description - TXB0106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_11 Datasheet
650Kb / 20P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106-Q1 TI-TXB0106-Q1 Datasheet
447Kb / 17P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 10-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com