Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXS4558 Datasheet (PDF) - Texas Instruments

TXS4558 Datasheet PDF - Texas Instruments
Part # TXS4558
Download  TXS4558 Download
File Size   1162.95 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO

TXS4558 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS4558 Datasheet PDF - Texas Instruments

Part # TXS4558
Download  TXS4558 Click to download

File Size   1162.95 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO

TXS4558 Datasheet (HTML) - Texas Instruments


TXS4558 Product details

1FEATURES
• Level Translator
– VCC Range of 1.65 V to 3.3 V
– VBATT Range of 2.3V to 5.5V
• Low-Dropout (LDO) Regulator
– 50-mA LDO Regulator With Enable
– 1.8-V or 2.95-V Selectable Output Voltage
– Very Low Dropout: 100 mV (Max) at 50 mA
• Control and Communication Through GPIO
Interface with Baseband Processor
• Isolated Clock Stop Mode for both SIM1 and
SIM2 cards
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-B)
– 500-V Charged-Device Model (C101)
– 8kV HBM for SIM pins
• Package
– 20-Pin QFN (3 mm x 3 mm)

DESCRIPTION
The TXS4558 is a complete dual-supply standby Smart Identity Module (SIM) card solution for interfacing wireless
baseband processors with two individual SIM subscriber cards to store data for mobile handset applications.
It is a custom device which is used to extend a single SIM/UICC interface to be able to support two
SIM’s/UICC’s.
The device complies with ISO/IEC Smart-Card Interface requirements as well as GSM and 3G mobile standards.
It includes a high-speed level translator capable of supporting Class-B (2.95 V) and Class-C (1.8 V) interfaces,
two low-dropout (LDO) voltage regulators that have output voltages that are selectable between 2.95-V Class-B
and 1.8-V Class-C interfaces. Simple GPIO inputs are used to switch between the two SIM cards and to put it
into different modes. The voltage-level translator has two supply voltage pins. VCC sets the reference for the
baseband interface and can be operated from 1.65 V to 3.3 V. VSIM1 and VSIM2 are programmed to either
1.8 V or 2.95 V, each supplied by an independent internal LDO regulator. The integrated LDO accepts input
battery voltages from 2.3 V to 5.5 V and outputs up to 50 mA to the B-side circuitry and external Class-B or
Class-C SIM card.
The TXS4558 also incorporates shutdown sequence for the SIM card pins based on the ISO 7816-3 specification
for SIM cards. The device also has 8kV HBM protection for the SIM card pins and standard 2kV HBM protection
for all the other pins.




Similar Part No. - TXS4558

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS4558 TI1-TXS4558 Datasheet
755Kb / 18P
Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO
TXS4558RUKR TI1-TXS4558RUKR Datasheet
755Kb / 18P
Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO
More results


Similar Description - TXS4558

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
SIM Power Supply and Level Translator
logo
Texas Instruments
TXS02324 TI1-TXS02324 Datasheet
608Kb / 25P
Dual-Supply 2:1 SIM Card Multiplexer/Translator With Slot Dedicated Dual LDO
FEBRUARY2011
TXS02326 TI-TXS02326 Datasheet
705Kb / 35P
DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR WITH AUTOMATIC DETECTION AND SLOT DEDICATED DUAL LDO
TXS4558 TI1-TXS4558 Datasheet
755Kb / 18P
Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO
logo
Linear Technology
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
SIM Power Supply and Level Translator
logo
NXP Semiconductors
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4555 NXP-NVT4555_V01 Datasheet
304Kb / 19P
SIM card interface level translator and supply voltage LDO
Rev. 2.1 - 7 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com