Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P250 Datasheet (PDF) - SICK AG

P250 Datasheet PDF - SICK AG
Part # P250
Download  P250 Download
File Size   604.79 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description HYBRID PHOTOELECTRIC SENSORS

P250 Datasheet (PDF)

Go To PDF Page Download Datasheet
P250 Datasheet PDF - SICK AG

Part # P250
Download  P250 Click to download

File Size   604.79 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description HYBRID PHOTOELECTRIC SENSORS

P250 Datasheet (HTML) - SICK AG


P250 Product details

Features
Functional principle Photoelectric retro-reflective sensor
Functional principle detail Dual lens
Dimensions (W x H x D) 16.2 mm x 45.5 mm x 31.8 mm
Housing design (light emission) Hybrid
Thread diameter (housing) M18
Mounting system type M18, head/side (24.1 … 25.4 mm)
Housing color Blue
Sensing range max. 0.03 m ... 6.5 m
Sensing range 0.03 m ... 5 m
Type of light Visible red light
Light source PinPoint LED
Light spot size (distance) 130 mm x 260 mm (6.5 m)
Wave length 631 nm
Adjustment
Potentiometer, right Sensitivity
Potentiometer, left Light/dark switching
Special features Signal strength light bar




Similar Part No. - P250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P250 ETC2-P250 Datasheet
195Kb / 2P
Oscilloscope / Differential Probes
logo
SICK AG
P250 SICK-P250 Datasheet
533Kb / 4P
Rectangular, screw connection
2022-07-16 08:28:34
logo
YAMAHA CORPORATION
P2500 YAMAHA-P2500 Datasheet
7Mb / 37P
POWER AMPLIFIERS
logo
Semikron International
P2500A SEMIKRON-P2500A Datasheet
453Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
P2500A DIOTEC-P2500A Datasheet
139Kb / 2P
Standard Recovery Rectifier Diodes
More results


Similar Description - P250

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com