Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL1002-BD Datasheet (PDF) - Mimix Broadband

XL1002-BD Datasheet PDF - Mimix Broadband
Part # XL1002-BD
Download  XL1002-BD Download
File Size   583.61 Kbytes
Page   8 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 20.0-36.0 GHz GaAs MMIC Low Noise Amplifier

XL1002-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XL1002-BD Datasheet PDF - Mimix Broadband

Part # XL1002-BD
Download  XL1002-BD Click to download

File Size   583.61 Kbytes
Page   8 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 20.0-36.0 GHz GaAs MMIC Low Noise Amplifier

XL1002-BD Datasheet (HTML) - Mimix Broadband


XL1002-BD Product details

General Description
Mimix Broadband’s three stage balanced 20.0-36.0 GHz GaAs MMIC low noise amplifier has a small signal gain of 23.0 dB with a noise figure of 2.6 dB across the band. This MMIC uses Mimix Broadband’s GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
◆ Balanced Design
◆ Excellent Input/Output Match
◆ Self-biased Architecture
◆ 23.0 dB Small Signal Gain
◆ 2.6 dB Noise Figure
◆ 100% On-Wafer RF, DC and Noise Figure Testing
◆ 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XL1002-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1002-BD MIMIX-XL1002-BD Datasheet
1Mb / 9P
20.0-36.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XL1002-BD MA-COM-XL1002-BD Datasheet
936Kb / 10P
Low Noise Amplifier
XL1002-BD-000V MA-COM-XL1002-BD-000V Datasheet
947Kb / 11P
Low Noise Amplifier
XL1002-BD-EV1 MA-COM-XL1002-BD-EV1 Datasheet
947Kb / 11P
Low Noise Amplifier
logo
Mimix Broadband
XL1002-BD MIMIX-XL1002-BD_10 Datasheet
1Mb / 9P
20.0-36.0 GHz GaAs MMIC
More results


Similar Description - XL1002-BD

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC463 HITTITE-HMC463 Datasheet
279Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
logo
Mimix Broadband
XL1000 MIMIX-XL1000 Datasheet
953Kb / 7P
20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1002 MIMIX-XL1002 Datasheet
852Kb / 8P
20.0-36.0 GHz GaAs MMIC Low Noise Amplifier
XL1005 MIMIX-XL1005 Datasheet
153Kb / 6P
5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
logo
Mimix Broadband
XL1000-BD MIMIX-XL1000-BD Datasheet
268Kb / 7P
20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1005-BD MIMIX-XL1005-BD Datasheet
153Kb / 6P
5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
XL1010-BD MIMIX-XL1010-BD Datasheet
1Mb / 1P
20.0-38.0 GHz GaAs MMIC Low Noise Amplifier
XL1002-BD MIMIX-XL1002-BD_10 Datasheet
1Mb / 9P
20.0-36.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com