Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4724B Datasheet (PDF) - STMicroelectronics

HCC4724B Datasheet PDF - STMicroelectronics
Part # HCC4724B
Download  HCC4724B Download
File Size   302.62 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT ADDRESSABLE LATCH

HCC4724B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4724B Datasheet PDF - STMicroelectronics

Part # HCC4724B
Download  HCC4724B Click to download

File Size   302.62 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT ADDRESSABLE LATCH

HCC4724B Datasheet (HTML) - STMicroelectronics


HCC4724B Product details

DESCRIPTION
The HCC/HCF4724B 8-bit addressable latch is a serial-input, parallel-output storage register that can perform a variety of functions.

■ SERIAL DATA INPUT - ACTIVE PARALLEL OUTPUT
■ STORAGE REGISTER CAPABILITY - MASTER CLEAR
■ CAN FUNCTION AS DEMULTIPLEXER
■ STANDARDIZED, SYMMETRICAL OUTPUT CHARACTER
■ 100% TESTED FOR QUIESCENT CURRENT AT 20V
■ MAXIMUM INPUT CURRENT OF 1µA AT 18V (full package-temperature range), 100nA AT 18V AND 25oC
■ NOISE MARGIN (full package-temperature range) = 1V AT VDD =5V, 2V AT VDD = 10V, 2.5V AT VDD = 15V
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD N. 13A, ” STANDARD SPECIFICATIONS FOR DESCRIPTION OF ’ B ’ SERIES CMOS DEVICES ”

APPLICATION
■ MULTI-LINE DECODERS
■ A/D CONVERTERS




Similar Part No. - HCC4724B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4000 STMICROELECTRONICS-HCC4000 Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4000BF STMICROELECTRONICS-HCC4000BF Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B_05 Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
More results


Similar Description - HCC4724B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
8-Bit Addressable Latch
June 1989
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com