Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0808-N Datasheet (PDF) - Texas Instruments

ADC0808-N Datasheet PDF - Texas Instruments
Part # ADC0808-N
Download  ADC0808-N Download
File Size   877.27 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC0808/ADC0809 8-Bit μP Compatible A/D Converters with 8-Channel Multiplexer

ADC0808-N Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC0808-N Datasheet PDF - Texas Instruments

Part # ADC0808-N
Download  ADC0808-N Click to download

File Size   877.27 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC0808/ADC0809 8-Bit μP Compatible A/D Converters with 8-Channel Multiplexer

ADC0808-N Datasheet (HTML) - Texas Instruments


ADC0808-N Product details

1FEATURES
2• Easy Interface to All Microprocessors
• Operates Ratiometrically or with 5 VDC or
Analog Span Adjusted Voltage Reference
• No Zero or Full-Scale Adjust Required
• 8-Channel Multiplexer with Address Logic
• 0V to VCC Input Range
• Outputs meet TTL Voltage Level Specifications
• ADC0808 Equivalent to MM74C949
• ADC0809 Equivalent to MM74C949-1

KEY SPECIFICATIONS
• Resolution: 8 Bits
• Total Unadjusted Error: ±½ LSB and ±1 LSB
• Single Supply: 5 VDC
• Low Power: 15 mW
• Conversion Time: 100 μs

DESCRIPTION
The ADC0808, ADC0809 data acquisition component
is a monolithic CMOS device with an 8-bit analog-to-
digital converter, 8-channel multiplexer and
microprocessor compatible control logic. The 8-bit
A/D converter uses successive approximation as the
conversion technique. The converter features a high
impedance chopper stabilized comparator, a 256R
voltage divider with analog switch tree and a
successive approximation register. The 8-channel
multiplexer can directly access any of 8-single-ended
analog signals.
The device eliminates the need for external zero and
full-scale adjustments. Easy interfacing to
microprocessors is provided by the latched and
decoded multiplexer address inputs and latched TTL
TRI-STATE outputs.
The design of the ADC0808, ADC0809 has been
optimized by incorporating the most desirable aspects
of several A/D conversion techniques. The ADC0808,
ADC0809 offers high speed, high accuracy, minimal
temperature dependence, excellent long-term
accuracy and repeatability, and consumes minimal
power. These features make this device ideally suited
to applications from process and machine control to
consumer and automotive applications. For 16-
channel multiplexer with common output (sample/hold
port) see ADC0816 data sheet. (See AN-247
(Literature Number SNOA595) for more information.)




Similar Part No. - ADC0808-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N Datasheet
353Kb / 18P
ADC0808/ADC0809 8-Bit P Compatible A/D Converters with 8-Channel
ADC0808-N TI1-ADC0808-N Datasheet
494Kb / 19P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N Datasheet
533Kb / 19P
8-Bit Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
8-Bit Compatible A/D Converters with 8-Channel Multiplexer
More results


Similar Description - ADC0808-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
8-Bit uP Compatible A/D Converters with Multiplexer Options
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N Datasheet
353Kb / 18P
ADC0808/ADC0809 8-Bit P Compatible A/D Converters with 8-Channel
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
8-Bit Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 TI1-ADC0816_17 Datasheet
539Kb / 18P
8-Bit Compatible A/D Converters with16-Channel Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com