Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ25720 Datasheet (PDF) - Texas Instruments

BQ25720 Datasheet PDF - Texas Instruments
Part # BQ25720
Download  BQ25720 Download
File Size   3041.03 Kbytes
Page   144 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25773 40V, I2C, 2- to 5-Cell, Narrow VDC Quasi Dual Phase Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor

BQ25720 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25720 Datasheet PDF - Texas Instruments

Part # BQ25720
Download  BQ25720 Click to download

File Size   3041.03 Kbytes
Page   144 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25773 40V, I2C, 2- to 5-Cell, Narrow VDC Quasi Dual Phase Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor

BQ25720 Datasheet (HTML) - Texas Instruments


BQ25720 Product details

1 Features
• TI patented quasi dual phase buck-boost narrow
voltage DC (NVDC) charger for USB-C Extended
Power Range (EPR) interface platform
– 3.5V to 40V input range to charge 2- to 5-cell
battery
– Charge current up to 16.3A/30A based on
5mΩ/2mΩ sensing resistor
– Input current limit up to 8.2A/16.4A based on
10mΩ/5mΩ sensing resistor
– Support USB 2.0, USB 3.0, USB 3.1, USB-C
power delivery and extended power range input
current setting
– Input Current Optimizer (ICO) to extract max
input power without overloading the adapter
– Integrated Fast Role Swap (FRS) feature
following USB-PD specification
– Seamless transition between quasi dual phase
buck, buck-boost, and boost operations
– Input current and voltage regulation (IINDPM
and VINDPM) against source overload
– Battery supplements system when adapter is
fully loaded
• TI patented dual ramdom spread spectrum
(DRSS) for meeting IEC-CISPR 32 EMI
specification
• TI patented Pass Through Mode (PTM) for >99%
efficiency and battery fast charging support
• IMVP8/IMVP9 compliant system features for Intel
platform
– Enhanced Vmin Active Protection (VAP) mode
supplements battery from input capacitors
during system peak power spike following latest
Intel specification
– Comprehensive PROCHOT profile
– Two level discharge current limit PROCHOT
profile to avoid battery wear out
– System power monitor (PSYS)
• Input and battery current monitor through
dedicated pins
• Integrated 16-bit ADC to monitor voltage, current
and power
• Battery MOSFET ideal diode operation in
supplement mode
• Power up USB port from battery (USB OTG)
– 3V to 5V OTG
– Output current limit up to 3A based on 10mΩ
sensing resistor
• 600kHz/800kHz programmable switching
frequency
• I2C host control interface for flexible system
configuration
• High accuracy for the regulation and monitor
– ±0.5% Charge voltage regulation
– ±2% Charge current regulation
– ±2% Input current regulation
– ±2% Input/charge current monitor
• Safety
– Thermal regulation and thermal shutdown
– Input, system, battery overvoltage protection
– Input, MOSFET, inductor overcurrent protection
• Package: 36-Pins 4.0mm × 5.0mm WQFN

2 Applications
• Standard notebook PC,Chromebook
• Appliances: battery charger,Oxygen concentrator

3 Description
The BQ25773 is a synchronous NVDC buck-boost
battery charge controller to charge a 2- to 5-cell
battery from a wide range of input sources including
USB adapter, extended power range (EPR) USBC
Power Delivery (PD) sources, standard power
range (SPR) USB-C Power Delivery (PD) sources
and traditional adapters. The device offers a low
component count, high efficiency solution for space
constrained, 2- to 5-cell battery charging applications.
The NVDC configuration allows the system to be
regulated based on battery voltage, but not drop
below system minimum voltage. The system keeps
operating even when the battery is completely
discharged or removed. When load power exceeds
input source rating, the battery goes into supplement
mode and prevents the system from crashing.




Similar Part No. - BQ25720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI1-BQ25720 Datasheet
3Mb / 135P
BQ25770G 40V, SMBus, 2- to 5-Cell, Narrow VDC Quasi Dual Phase Buck-Boost Battery Charge Controller for GaN HEMT With System Power Monitor and Processor Hot Monitor
APRIL 2024
BQ25720 TI1-BQ25720 Datasheet
2Mb / 144P
BQ25773 40V, I2C, 2- to 5-Cell, Narrow VDC Quasi Dual Phase Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
SEPTEMBER 2024
BQ25720RSNR TI-BQ25720RSNR Datasheet
3Mb / 106P
BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
More results


Similar Description - BQ25720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25731 TI1-BQ25731 Datasheet
329Kb / 14P
BQ25731 I2C 1- to 5-Cell Narrow VDC Buck-Boost Battery Charge Controller
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com