Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGP Datasheet (PDF) - Texas Instruments

CC115LRGP Datasheet PDF - Texas Instruments
Part # CC115LRGP
Download  CC115LRGP Download
File Size   1346.45 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC115L Value Line Transmitter

CC115LRGP Datasheet (PDF)

Go To PDF Page Download Datasheet
CC115LRGP Datasheet PDF - Texas Instruments

Part # CC115LRGP
Download  CC115LRGP Click to download

File Size   1346.45 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC115L Value Line Transmitter

CC115LRGP Datasheet (HTML) - Texas Instruments


CC115LRGP Product details

1.1 Features 1
• RF Performance
– Programmable Output Power up to +12 dBm
– Programmable Data Rate from 0.6 to 600 kbps
– Frequency Bands: 300–348 MHz,
387–464 MHz, and 779–928 MHz
– 2-FSK, 4-FSK, GFSK, and OOK Supported
• Digital Features
– Flexible Support for Packet Oriented Systems
– On-chip Support for Sync Word Insertion,
Flexible Packet Length, and Automatic CRC
Calculation
• Low-Power Features
– 200-nA Sleep Mode Current Consumption
– Fast Startup Time; 240 μs From Sleep to TX
Mode
– 64-Byte TX FIFO
• General
– Few External Components; Fully Integrated
Frequency Synthesizer
– Green Package: RoHS Compliant and No
Antimony or Bromine
– Small Size (QLP 4- x 4-mm Package, 20 Pins)
– Suited for Systems Targeting Compliance with
EN 300 220 V2.3.1 (Europe) and FCC CFR Part
15 (US)
– Support for Asynchronous and Synchronous
Serial Transmit Mode for Backward
Compatibility with Existing Radio Communication Protocols

1.2 Applications
• Ultra Low-Power Wireless Applications Operating
in the 315-, 433-, 868-, 915-MHz ISM or SRD
Bands
• Wireless Alarm and Security Systems
• Industrial Monitoring and Control
• Remote Controls
• Toys
• Home and Building Automation
• Active RFID

1.3 Description
The CC115L is a cost optimized sub-1 GHz RF transmitter. The circuit is based on the popular CC1101
RF transceiver, and RF performance characteristics are identical. The CC115L value line transmitter
together with the CC113L value line receiver enables a low-cost RF link.
The RF transmitter is integrated with a highly configurable baseband modulator. The modem supports
various modulation formats and has a configurable data rates from 0.6 to 600 kbps.
The CC115L provides extensive hardware support for packet handling, data buffering, and burst
transmissions.
The main operating parameters and the 64-byte transmit FIFO of CC115L can be controlled through a
serial peripheral interface (SPI). In a typical system, the CC115L will be used together with a
microcontroller and a few additional passive components.




Similar Part No. - CC115LRGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC115LRGPR TI-CC115LRGPR Datasheet
1Mb / 60P
Value Line Transmitter
CC115LRGPR TI-CC115LRGPR Datasheet
1Mb / 60P
Value Line Transmitter
CC115LRGPT TI-CC115LRGPT Datasheet
1Mb / 60P
Value Line Transmitter
CC115LRGPT TI-CC115LRGPT Datasheet
1Mb / 60P
Value Line Transmitter
More results


Similar Description - CC115LRGP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7296 EXAR-XRT7296 Datasheet
443Kb / 16P
INTEGRATED LINE TRANSMITTER
logo
Texas Instruments
CC110L TI1-CC110L Datasheet
1Mb / 83P
Value Line Transceiver
CC113L TI1-CC113L Datasheet
1Mb / 75P
Value Line Receiver
CC115L TI1-CC115L Datasheet
1Mb / 61P
Value Line Transmitter
logo
STMicroelectronics
STM32VLDISCOVERY STMICROELECTRONICS-STM32VLDISCOVERY Datasheet
117Kb / 3P
STM32 value line Discovery
09-Sep-2010
logo
Texas Instruments
CC110L TI1-CC110L_12 Datasheet
1Mb / 85P
Value Line Transceiver
CC110LRGPR TI-CC110LRGPR Datasheet
1Mb / 84P
Value Line Transceiver
CC115LRTKR TI-CC115LRTKR Datasheet
1Mb / 60P
Value Line Transmitter
CC115LRTKT TI-CC115LRTKT Datasheet
1Mb / 60P
Value Line Transmitter
CC113L TI1-CC113L_14 Datasheet
1Mb / 86P
Value Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com