Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1175RHBT Datasheet (PDF) - Texas Instruments

CC1175RHBT Datasheet PDF - Texas Instruments
Part # CC1175RHBT
Download  CC1175RHBT Download
File Size   1477.53 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1175 High-Performance RF Transmitter for Narrowband Systems

CC1175RHBT Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1175RHBT Datasheet PDF - Texas Instruments

Part # CC1175RHBT
Download  CC1175RHBT Click to download

File Size   1477.53 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1175 High-Performance RF Transmitter for Narrowband Systems

CC1175RHBT Datasheet (HTML) - Texas Instruments


CC1175RHBT Product details

1.1 Features 1
• High-Performance, Single-Chip Transmitter
– Very Low Phase Noise: –111 dBc/Hz at
10-kHz Offset
• High Spectral Efficiency (9.6 kbps in 12.5-kHz
Channel in Compliance With FCC Narrowbanding
Mandate)
• 128-Byte TX FIFO
• Support for Seamless Integration With the CC1190
Device for Increased Range Giving up to +27-dBm
Output Power
• Programmable Output Power up to +16 dBm With
0.4-dB Step Size
• Power Supply
– Wide Supply Voltage Range (2.0 V to 3.6 V)
– Low Current Consumption:
• TX: 45 mA at +14 dBm
– Power Down: 0.12 μA (0.5 μA With Timer
Running)
• Automatic Output Power Ramping
• Configurable Data Rates: 0 to 200 kbps
• Supported Modulation Formats: 2-FSK,
2-GFSK, 4-FSK, 4-GFSK, MSK, OOK
• RoHS-Compliant 5-mm x 5-mm No-Lead QFN 32-
Pin Package (RHB)
• Regulations – Suitable for Systems Targeting
Compliance With
– Europe: ETSI EN 300 220, ETSI EN 54-25
– US: FCC CFR47 Part 15, FCC CFR47 Part 90,
24, and 101
– Japan: ARIB RCR STD-T30, ARIB STD-T67,
ARIB STD-T108
• Peripherals and Support Functions
– TCXO Support and Control, also in Power
Modes
– Optional Coding Gain Feature for Increased
Range and Robustness
– Temperature Sensor

1.2 Applications
• One-way Narrowband Ultra-Low Power Wireless
Systems With Channel Spacing Down to 6.25 kHz
• 169-, 315-, 433-, 868-, 915-, 920-, 950-MHz
ISM/SRD Band Systems
• Wireless Metering and Wireless Smart Grid (AMR
and AMI)
• IEEE 802.15.4g Systems
• Home and Building Automation
• Wireless Alarm and Security Systems
• Industrial Monitoring and Control
• Wireless Healthcare Applications
• Wireless Sensor Networks and Active RFID

1.3 Description
The CC1175 device is a fully integrated single-chip radio transmitter designed for high performance at
very low-power and low-voltage operation in cost-effective wireless systems. All filters are integrated, thus
removing the need for costly external SAW and IF filters. The device is mainly intended for the ISM
(Industrial, Scientific, and Medical) and SRD (Short Range Device) frequency bands at 164–192 MHz,
274–320 MHz, 410–480 MHz, and 820–960 MHz.
The CC1175 device provides extensive hardware support for packet handling, data buffering, and burst
transmissions. The main operating parameters of the CC1175 device can be controlled through an SPI
interface. In a typical system, the CC1175 device will be used with a microcontroller and only a few
external passive components.




Similar Part No. - CC1175RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1175RHBT TI-CC1175RHBT Datasheet
1Mb / 27P
High Performance RF Transmitter for Narrowband Systems
More results


Similar Description - CC1175RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1070 TI-CC1070 Datasheet
670Kb / 57P
Single Chip Low Power RF Transmitter for Narrowband Systems
CC1120 TI-CC1120 Datasheet
967Kb / 30P
High Performance RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
Low-Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
Single Chip Low Power RF Transmitter for Narrowband Systems
CC1120 TI-CC1120_12 Datasheet
919Kb / 31P
High Performance RF Transceiver for Narrowband Systems
CC1175 TI-CC1175 Datasheet
875Kb / 22P
High Performance RF Transmitter for Narrowband Systems
CC1120RHBR TI-CC1120RHBR Datasheet
1Mb / 35P
High Performance RF Transceiver for Narrowband Systems
CC1175RHBR TI-CC1175RHBR Datasheet
1Mb / 27P
High Performance RF Transmitter for Narrowband Systems
CC1120 TI1-CC1120_14 Datasheet
1Mb / 40P
High-Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120_15 Datasheet
1Mb / 37P
CC1120 High-Performance RF Transceiver for Narrowband Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com