Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2560A Datasheet (PDF) - Texas Instruments

CC2560A Datasheet PDF - Texas Instruments
Part # CC2560A
Download  CC2560A Download
File Size   1126.04 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC256x Dual-Mode Bluetooth® Controller

CC2560A Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2560A Datasheet PDF - Texas Instruments

Part # CC2560A
Download  CC2560A Click to download

File Size   1126.04 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC256x Dual-Mode Bluetooth® Controller

CC2560A Datasheet (HTML) - Texas Instruments


CC2560A Product details

1.1 Features 1
• TI's Single-Chip Bluetooth Solution With Bluetooth
Basic Rate (BR), Enhanced Data Rate (EDR), and
Low Energy (LE) Support; Available in Two
Variants:
– Dual-Mode Bluetooth CC2564 Controller
– Bluetooth CC2560 Controller
• CC2564 Bluetooth 4.1 Controller Subsystem
Qualified (QDID 58852); Compliant up to the HCI
Layer
• Highly Optimized for Low-Cost Designs:
– Single-Ended 50-Ω RF Interface
– Package Footprint: 76 Terminals, 0.6-mm Pitch,
8-mm x 8-mm mrQFN
• BR/EDR Features Include:
– Up to 7 Active Devices
– Scatternet: Up to 3 Piconets Simultaneously, 1
as Master and 2 as Slaves
– Up to 2 SCO Links on the Same Piconet
– Support for All Voice Air-Coding – Continuously
Variable Slope Delta (CVSD), A-Law, μ-Law,
and Transparent (Uncoded)
– CC2560B/CC2564B Devices Provide an
Assisted Mode for HFP 1.6 Wideband Speech
(WBS) Profile or A2DP Profile to Reduce Host
Processing and Power
– Support of Multiple Bluetooth Profiles With
Enhanced QoS
• LE Features Include:
– Support of Up to 10 (CC2564B) Connections
– Multiple Sniff Instances Tightly Coupled to
Achieve Minimum Power Consumption
– Independent Buffering for LE Allows Large
Numbers of Multiple Connections Without
Affecting BR/EDR Performance.
– Built-In Coexistence and Prioritization Handling
for BR/EDR and LE
• Best-in-Class Bluetooth (RF) Performance
(TX Power, RX Sensitivity, Blocking)
– Class 1 TX Power Up to +10 dBm
– –95 dbm Typical RX Sensitivity
– Internal Temperature Detection and
Compensation to Ensure Minimal Variation in
RF Performance Over Temperature, No
External Calibration Required
– Improved Adaptive Frequency Hopping (AFH)
Algorithm With Minimum Adaptation Time
– Provides Longer Range, Including 2x Range
Over Other LE-Only Solutions
• Advanced Power Management for Extended
Battery Life and Ease of Design
– On-Chip Power Management, Including Direct
Connection to Battery
– Low Power Consumption for Active, Standby,
and Scan Bluetooth Modes
– Shutdown and Sleep Modes to Minimize Power
Consumption
• Physical Interfaces:
– UART Interface With Support for Maximum
Bluetooth Data Rates
• UART Transport Layer (H4) With Maximum
Rate of 4 Mbps
• Three-Wire UART Transport Layer (H5) With
Maximum Rate of 4 Mbps (CC2560B and
CC2564B Only)
– Fully Programmable Digital PCM-I2S Codec
Interface
• Flexibility for Easy Stack Integration and Validation
Into Various Microcontrollers, Such as MSP430™
and ARM® Cortex®-M3 and Cortex®-M4 MCUs
• CC256x Bluetooth Hardware Evaluation Tool: PCBased
Application to Evaluate RF Performance of
the Device and Configure Service Pack
• Device Pin-to-Pin Compatible With Previous
Devices or Modules

1.2 Applications
• Mobile Accessories
• Sports and Fitness Applications
• Wireless Audio Solutions
• Remote Controls
• Toys
• Test and Measurement
• Industrial: Cable Replacement
• Wireless Sensors
• Automotive Aftermarket
• Point of Service (POS)
• Wellness and Health

1.3 Description
The TI CC256x device is a complete Bluetooth BR/EDR/LE HCI solution that reduces design effort and
enables fast time to market. Based on TI’s seventh-generation Bluetooth core, the CC256x device
provides a product-proven solution that is Bluetooth 4.1 compliant. When coupled with a microcontroller
unit (MCU), this HCI device offers best-in-class RF performance with a range of about 2X compared to
other Bluetooth LE-only solutions. Furthermore, TI’s power-management hardware and software
algorithms provide significant power savings in all commonly used Bluetooth BR/EDR/LE modes of
operation.
The TI Dual-Mode Bluetooth Stack software is certified and provided royalty free for TI's MSP430 and
ARM Cortex-M3 and Cortex-M4 MCUs. Other MPUs can be supported through TI's third party. iPod®
(MFi) protocol is supported by add-on software packages. For more information, see TI Dual-Mode
Bluetooth Stack. Some of the profiles supported include the following:
• Serial port profile (SPP)
• Advanced audio distribution profile (A2DP)
• Audio/video remote control profile (AVRCP)
• Handsfree profile (HFP)
• Human interface device (HID)
• Generic attribute profile (GATT)
• Several Bluetooth LE profiles and services
In addition to software, this solution consists of multiple reference designs with a low BOM cost, including
a new Bluetooth audio sink reference design for customers to create a variety of applications for low-end,
low-power audio solutions.




Similar Part No. - CC2560A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2560A TI1-CC2560A Datasheet
1Mb / 51P
Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A Datasheet
1Mb / 52P
Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A Datasheet
1Mb / 53P
Dual-Mode Bluetooth Controller
CC2560A TI2-CC2560A Datasheet
1Mb / 54P
CC256x Dual-Mode Bluetooth® Controller
REVISED JANUARY 2016
CC2560ARVMR TI1-CC2560ARVMR Datasheet
567Kb / 47P
Bluetooth짰 Smart Ready Controller
More results


Similar Description - CC2560A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC256X TI1-CC256X_13 Datasheet
1Mb / 51P
Bluetooth and Dual-Mode Controller
CC2560A TI1-CC2560A_16 Datasheet
1Mb / 51P
Dual-Mode Bluetooth Controller
CC2564C TI1-CC2564C Datasheet
863Kb / 52P
CC2564C Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A Datasheet
1Mb / 52P
Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A_18 Datasheet
1Mb / 53P
Dual-Mode Bluetooth Controller
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
logo
Infineon Technologies A...
CYW20819 INFINEON-CYW20819 Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
logo
Microchip Technology
BM78 MICROCHIP-BM78_V01 Datasheet
3Mb / 60P
Bluetooth® Dual-Mode Module
2016-2019
logo
Silicon Laboratories
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com