Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF82 Datasheet (PDF) - Texas Instruments

DAC38RF82 Datasheet PDF - Texas Instruments
Part # DAC38RF82
Download  DAC38RF82 Download
File Size   4025.82 Kbytes
Page   147 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC38RF8x Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation

DAC38RF82 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC38RF82 Datasheet PDF - Texas Instruments

Part # DAC38RF82
Download  DAC38RF82 Click to download

File Size   4025.82 Kbytes
Page   147 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC38RF8x Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation

DAC38RF82 Datasheet (HTML) - Texas Instruments


DAC38RF82 Product details

1 Features
1• 14-Bit resolution, 9-GSPS DAC with multimode
operation
– 16-Bit, Dual-channel data mode
– Max input rate: 2.5-GSPS
– Wideband digital up-converter
– Interpolation:
1,2,4,6,8,10,12,16,18,20,24x
– 12-Bit, Dual-channel data mode
– Max input rate: 3.33-GSPS
– Wideband digital Up-converter
– Interpolation: 1,2,24x
– 8-Bit, Single-channel data mode
– Max input rate: 9-GSPS
• JESD204B interface
– Subclass 1 for multichip synchronization
– DAC38RF89: Maximum lane rate: 12.5 Gbps
– DAC38RF82: Maximum lane rate: 12.8 Gbps
• Differential output
– Supports DC coupling
– RF Full-scale output power (with 2:1 balun):
3 dBm at 2.14 GHz
• Internal PLL and VCO with bypass
– DAC38RF82: fC(VCO) = 5.9 or 8.9 GHz
– DAC38RF89: fC(VCO) = 5 or 7.5 GHz
• Power supplies: -1.8 V, 1.0 V, 1.8 V
• Package: 10 x 10 mm BGA, 0.8 mm pitch,
144-balls

2 Applications
• Arbitrary waveform generators
• Radar and electronic warfare
• Communications test equipment
• Direct RF synthesis for DOCSIS 3.0/3.1
• Microwave backhaul

3 Description
The DAC38RF82 and DAC38RF89 are high
performance, wide bandwidth RF-sampling digital-toanalog
(DACs) that are capable of dual channel input
data rate up to 3.33 GSPS or single-channel
operation with 8-bits up to 9-GSPS. The devices have
a low power JESD204B Interface with up to 8 lanes,
with a maximum bit rate of 12.5 Gbps (DAC38RF89)
and 12.8 Gbps (DAC38RF82).
In dual channel operation, the input interface is
capable of data rates up to 3.33 GSPS at 12-bits and
2.5 GSPS at 16-bits resolution without interpolation.
When used as a complex baseband transmitter with
interpolation modes from 2x to 24x, the DAC38RF82
or DAC38RF89 is capable of synthesizing wideband
signals up to 2 GHz bandwidth with 16-bit input
resolution and 2.66 GHz bandwidth with 12-bit input
resolution.
The 8-bit mode allows an input at the full 9 GSPS
maximum DAC sample rate and can synthesize
wideband signals from 0 to 4.5 GHz.
An optional low jitter PLL/VCO simplifies the DAC
clock generation by allowing use of a lower frequency
reference clock. DAC38RF82 and DAC38RF89
support different VCO frequency ranges, summarized
in Device Comparison Table.




Similar Part No. - DAC38RF82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82 TI1-DAC38RF82 Datasheet
3Mb / 140P
Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82IAAV TI1-DAC38RF82IAAV Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82IAAV TI1-DAC38RF82IAAV Datasheet
3Mb / 140P
Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82IAAVR TI1-DAC38RF82IAAVR Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
More results


Similar Description - DAC38RF82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com