Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF86 Datasheet (PDF) - Texas Instruments

DAC38RF86 Datasheet PDF - Texas Instruments
Part # DAC38RF86
Download  DAC38RF86 Download
File Size   2968.4 Kbytes
Page   147 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL

DAC38RF86 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC38RF86 Datasheet PDF - Texas Instruments

Part # DAC38RF86
Download  DAC38RF86 Click to download

File Size   2968.4 Kbytes
Page   147 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL

DAC38RF86 Datasheet (HTML) - Texas Instruments


DAC38RF86 Product details

1 Features
1• 14-Bit Resolution
• Maximum DAC Sample Rate:
– 9.0 GSPS (DAC38RF86, DAC38RF96)
– 6.2 GSPS (DAC38RF87, DAC38RF97)
• Key Specifications:
– RF Full-Scale Output Power at 2.1 GHz:0 dBm
– Spectral Performance, DAC38RF87/97
– fDAC = 5898.24 MSPS, fOUT = 2.14 GHz
– WCDMA ACLR: 73 dBc
– WCDMA alt-ACLR: 77 dBc
– Spectral Performance, DAC38RF86/96
– fDAC = 8847.36 MSPS, fOUT = 3.7 GHz
– 20 MHz LTE ACLR: 66 dBc
– fDAC = 9 GSPS, fOUT = 1.8 GHz, –6 dBFS
– IMD3 = 70 dBc (10-MHz tone spacing)
• Dual-Band Digital Up-converter per DAC
– 6, 8, 10, 12, 16, 18, 20 or 24x Interpolation
– 4 Independent NCOs With 48-Bit Resolution
• JESD204B Interface, Subclass 1
– Support for Multichip Synchronization
– Maximum Lane Rate: 12.5 Gbps
• Single-Ended Output With Integrated Balun
Covering 700 MHz to 3800 MHz
• Internal PLL and VCO
– DAC38RF86/96: fC(VCO) = 8.85 GHz
– DAC38RF87/97: fC(VCO) = 5.90 GHz
• Power Dissipation: 1.4 to 2.2 W/ch
• Power Supplies: –1.8 V, 1 V, 1.8 V
• Package: 10 x 10 mm BGA, 0.8 mm Pitch, 144-
Balls

2 Applications
• Wireless Communications
• Communications Test Equipment
• Arbitrary Waveform Generators
• Military Software Defined Radios
• Radar and Satellite Communications (SATCOM)

3 Description
The DAC38RF86/96 is a family of high-performance,
dual-channel, 14-bit, 9-GSPS, RF-sampling digital-toanalog
converters (DACs) that are capable of
synthesizing wideband signals from 0 to 4.5 GHz.
The DAC38RF87/97 is also a family of highperformance,
dual-channel, 14-bit, 6-GSPS, RFsampling
digital-to-analog converters (DACs) that are
capable of synthesizing wideband signals from 0 to 3
GHz. A high dynamic range allows the DAC38RFxx
family to generate signals for a wide range of
applications including 3G/4G signals for wireless
base-stations and radar.
The devices feature a low-power JESD204B Interface
with up to 8 lanes with a maximum bit rate of 12.5
Gbps allowing an input data rate of 1.25 GSPS
complex per channel. The DAC38RFxx provides two
digital up-converters per channel, with multiple
options for interpolation rates. A digital quadrature
modulator with independent, frequency flexible NCOs
are available to support multi-band operation. A GSM
compliant low phase noise PLL/VCO is integrated to
simplify the DAC sampling clock generation by
allowing the use of a lower frequency reference clock




Similar Part No. - DAC38RF86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF86IAAV TI1-DAC38RF86IAAV Datasheet
2Mb / 141P
Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF86IAAVR TI1-DAC38RF86IAAVR Datasheet
2Mb / 141P
Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
More results


Similar Description - DAC38RF86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com