Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2010NIR Datasheet (PDF) - Texas Instruments

DLP2010NIR Datasheet PDF - Texas Instruments
Part # DLP2010NIR
Download  DLP2010NIR Download
File Size   1536.71 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP2010NIR (.2 WVGA Near-Infrared DMD)

DLP2010NIR Datasheet (PDF)

Go To PDF Page Download Datasheet
DLP2010NIR Datasheet PDF - Texas Instruments

Part # DLP2010NIR
Download  DLP2010NIR Click to download

File Size   1536.71 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP2010NIR (.2 WVGA Near-Infrared DMD)

DLP2010NIR Datasheet (HTML) - Texas Instruments


DLP2010NIR Product details

1 Features
• 0.2-inch (5.29-mm) Diagonal Micromirror Array
– 854 × 480 Array of Aluminum Micrometer-Sized
Mirrors, in an Orthogonal Layout
– 5.4-μm Micromirror Pitch
– ±17° Micromirror Tilt (Relative to Flat Surface)
– Side Illumination for Optimal Efficiency and
Optical Engine Size
• Highly Efficient Steering of NIR light
– Window Transmission Efficiency 96% Nominal
(700 to 2000 nm, Single Pass Through Two
Window Surfaces)
– Window Transmission Efficiency 90% Nominal
(2000 to 2500 nm, Single Pass Through Two
Window Surfaces)
– Polarization Independent Aluminum
Micromirrors
• Dedicated DLPC150/DLPC3470 Controllers for
Reliable Operation
– Binary Pattern Rates up to 2880 Hz
– Pattern Sequence Mode for Control over Each
Micromirror in Array
• Dedicated Power Management Integrated Circuit
(PMIC) DLPA2000 or DLPA2005 for Reliable
Operation
• 15.9-mm × 5.3-mm × 4-mm Body Size for Portable
Instruments

2 Applications
• Spectrometers (Chemical Analysis):
– Portable Process Analyzers
– Portable Equipment
• Compressive Sensing (Single Pixel NIR Cameras)
• 3D Biometrics
• Machine Vision
• Infrared Scene Projection
• Microscopes
• Laser Marking
• Optical Choppers
• Optical Networking

3 Description
The DLP2010NIR digital micromirror device (DMD)
acts as a spatial light modulator (SLM) to steer nearinfrared
(NIR) light and create patterns with speed,
precision, and efficiency. Featuring high resolution
in a compact form factor, the DLP2010NIR DMD
is often combined with a grating single element
detector to replace expensive InGaAs linear arraybased
detector designs, leading to high performance,
cost-effective portable NIR Spectroscopy solutions.
The DLP2010NIR DMD enables wavelength control
and programmable spectrum and is well suited for
low power mobile applications such as 3D biometrics,
facial recognition, skin analysis, material identification
and chemical sensing. ™




Similar Part No. - DLP2010NIR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
0.2 WVGA Near-Infrared DMD
DLP2010NIR TI1-DLP2010NIR Datasheet
720Kb / 39P
2 WVGA Near-Infrared DMD
DLP2010NIRAFQJ TI1-DLP2010NIRAFQJ Datasheet
720Kb / 39P
2 WVGA Near-Infrared DMD
DLP2010NIRFQJ TI1-DLP2010NIRFQJ Datasheet
742Kb / 39P
0.2 WVGA Near-Infrared DMD
DLP2010NIRFQJ TI1-DLP2010NIRFQJ Datasheet
720Kb / 39P
2 WVGA Near-Infrared DMD
More results


Similar Description - DLP2010NIR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
WVGA DMD
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
0.2 WVGA Near-Infrared DMD
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
WXGA Near-Infared DMD
DLP2010 TI1-DLP2010_16 Datasheet
684Kb / 41P
0.2 WVGA DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
0.3 WVGA S450 DMD
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
2 WVGA Near-Infrared DMD
DLP4500NIR TI1-DLP4500NIR_19 Datasheet
2Mb / 53P
.45 WXGA Near-Infrared DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
DLP2010 .2 WVGA DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
0.3-In WVGA DMD
DLP2010LC TI1-DLP2010LC Datasheet
737Kb / 43P
DLP2010LC .2 WVGA DMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com