Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA183 Datasheet (PDF) - Texas Instruments

INA183 Datasheet PDF - Texas Instruments
Part # INA183
Download  INA183 Download
File Size   1416.54 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier

INA183 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA183 Datasheet PDF - Texas Instruments

Part # INA183
Download  INA183 Click to download

File Size   1416.54 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier

INA183 Datasheet (HTML) - Texas Instruments


INA183 Product details

1 Features
• Wide Common-Mode Range: 2.7 V to 26 V
• Offset Voltage: ±170 μV (Maximum)
(Enables Shunt Drops of 10-mV Full-Scale)
• Accuracy:
– Gain Error ±0.4% (Maximum Over
Temperature):
– 0.5-μV/°C Offset Drift (Maximum)
– 10-ppm/°C Gain Drift (Maximum)
• Choice of Gains:
– INA183A1: 50 V/V
– INA183A2: 100 V/V
– INA183A3: 200 V/V
• Quiescent Current: 130 μA (Maximum)
• Package: 5-Pin SOT-23

2 Applications
• Servers
• Power Supplies
• Battery Management
• Telecom Equipment

3 Description
The INA183 is a high-precision voltage-output,
current-shunt monitor (also called current-sense
amplifier) commonly used for overcurrent
protection, precision-current measurement for system
optimization, or in closed-loop feedback circuits. This
device can sense drops across shunt resistors at
common-mode voltages from 2.7 V to 26 V. Three
fixed gains are available: 50 V/V, 100 V/V, and
200 V/V. The low offset of the zero-drift architecture
enables current sensing with maximum drops across
the shunt as low as 10-mV full-scale.
This device operates by drawing power from the IN+
pin drawing a maximum of 130 μA of supply current.
All versions are specified from –40 °C to 125 °C and
are offered in the 5-pin SOT-23 package.




Similar Part No. - INA183

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA183 TI-INA183 Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
INA183A1IDBVR TI-INA183A1IDBVR Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
INA183A1IDBVT TI-INA183A1IDBVT Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
INA183A2IDBVR TI-INA183A2IDBVR Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
INA183A2IDBVT TI-INA183A2IDBVT Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
More results


Similar Description - INA183

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
7/06-Revision 0
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
logo
Texas Instruments
INA381 TI1-INA381_V01 Datasheet
2Mb / 43P
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
INA293 TI1-INA293 Datasheet
1Mb / 30P
INA293 –4-V to 110-V, 1-MHz, High-Precision Current Sense Amplifier
2019
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA280 TI-INA280 Datasheet
1Mb / 25P
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA280-Q1 TI-INA280-Q1 Datasheet
1Mb / 25P
INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA183 TI-INA183 Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
INA290 TI-INA290_V03 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com