Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6001-MIL Datasheet (PDF) - Texas Instruments

LMC6001-MIL Datasheet PDF - Texas Instruments
Part # LMC6001-MIL
Download  LMC6001-MIL Download
File Size   592.5 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC6001-MIL Ultra, Ultra-Low Input Current Amplifier

LMC6001-MIL Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC6001-MIL Datasheet PDF - Texas Instruments

Part # LMC6001-MIL
Download  LMC6001-MIL Click to download

File Size   592.5 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC6001-MIL Ultra, Ultra-Low Input Current Amplifier

LMC6001-MIL Datasheet (HTML) - Texas Instruments


LMC6001-MIL Product details

1 Features
1• (Maximum Limit, 25°C Unless Otherwise Noted)
• Input Current (100% Tested): 25 fA
• Input Current Over Temperature: 2 pA
• Low Power: 750 μA
• Low VOS: 350 μV
• Low Noise: 22 nV/√Hz at 1 kHz Typical

2 Applications
• Electrometer Amplifiers
• Photodiode Preamplifiers
• Ion Detectors
• A.T.E. Leakage Testing

3 Description
Featuring 100% tested input currents of 25 fA
maximum, low operating power, and ESD protection
of 2000 V, the LMC6001-MIL device achieves a new
industry benchmark for low input current operational
amplifiers. By tightly controlling the molding
compound, Texas Instruments is able to offer this
ultra-low input current in a lower cost molded
package.
To avoid long turnon settling times common in other
low input current op amps, the LMC6001A is tested
three times in the first minute of operation. Even units
that meet the 25-fA limit are rejected if they drift.
Because of the ultra-low input current noise of 0.13
fA/√Hz, the LMC6001-MIL can provide almost
noiseless amplification of high resistance signal
sources. Adding only 1 dB at 100 kΩ, 0.1 dB at 1 MΩ
and 0.01 dB or less from 10 MΩ to 2,000 MΩ, the
LMC6001-MIL is an almost noiseless amplifier.
The LMC6001-MIL is ideally suited for electrometer
applications requiring ultra-low input leakage such as
sensitive photodetection transimpedance amplifiers
and sensor amplifiers. Because input referred noise is
only 22 nV/√Hz, the LMC6001-MIL can achieve
higher signal to noise ratio than JFET input type
electrometer amplifiers. Other applications of the
LMC6001-MIL include long interval integrators, ultrahigh
input impedance instrumentation amplifiers, and
sensitive electrical-field measurement circuits.




Similar Part No. - LMC6001-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
Ultra, Ultra-Low Input Current Amplifier
LMC6001-MIL TI2-LMC6001-MIL Datasheet
586Kb / 18P
LMC6001-MIL Ultra, Ultra-Low Input Current Amplifier
JUNE 2017
More results


Similar Description - LMC6001-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
Ultra Ultra-Low Input Current Amplifier
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
LCA-20K-200M ETC2-LCA-20K-200M Datasheet
262Kb / 3P
Ultra-Low-Noise Current Amplifier
logo
EUROQUARTZ limited
EM8K EUROQUARTZ-EM8K Datasheet
100Kb / 1P
ULTRA-LOW CURRENT
EM44K EUROQUARTZ-EM44K Datasheet
106Kb / 1P
ULTRA-LOW CURRENT
EM64K EUROQUARTZ-EM64K Datasheet
121Kb / 1P
ULTRA-LOW CURRENT
logo
Texas Instruments
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001_16 Datasheet
611Kb / 25P
Ultra, Ultra-Low Input Current Amplifier
INA116 TI1-INA116 Datasheet
220Kb / 11P
Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
Ultra, Ultra-Low Input Current Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com