Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX5453 Datasheet (PDF) - Texas Instruments

LMX5453 Datasheet PDF - Texas Instruments
Part # LMX5453
Download  LMX5453 Download
File Size   2376.45 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX5453 Micro-Module Integrated Bluetooth®2.0 Baseband Controller and Radio

LMX5453 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMX5453 Datasheet PDF - Texas Instruments

Part # LMX5453
Download  LMX5453 Click to download

File Size   2376.45 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX5453 Micro-Module Integrated Bluetooth®2.0 Baseband Controller and Radio

LMX5453 Datasheet (HTML) - Texas Instruments


LMX5453 Product details

1FEATURES
2The LMX5453 is a drop in replacement for the
LMX5452. The LMX5453 has new features
added:
• eSCO
• eSCO over USB HCI transport
• Enhanced scatternet
• Interlaced scan
• Flushing
• Audio PCM slave mode support
• Generic PCM configuration
• Compliant with the Bluetooth 2.0 Core
Specification
• Better than -80 dBm input sensitivity
• Class 2 operation
• Low power consumption:
• Accepts external clock or crystal input:
– Clocking option 12/13 MHz with PLL bypass
mode for power reduction
– 10-20 MHz external clock or crystal network
– Secondary 32.768 kHz oscillator for low-
power modes
– Advanced power management features
• High integration:
– Implemented in 0.18 μm CMOS technology to–
RF includes on-chip antenna filter and
switch
• On-chip firmware with complete HCI
• Embedded ROM (200K) and Patch RAM (16.6K)
memory
• Up to 7 Asynchronous Connection Less (ACL)
links
• Support for two simultaneous voice or
Extended Synchronous Connection Oriented
(eSCO) and Synchronous Connection Oriented
(SCO) and links.
• Enhanced scatternet
• Interlaced scan
• Flushing
• Audio PCM slave mode support
• Generic PCM configuration
• Fractional-N Sigma/Delta modulator
• Operating voltage range 2.5–3.6V
• I/O voltage range 1.6–3.6V
• 60-pad micro-module BGA package (6.1 mm ×
9.1 mm × 1.2 mm)

APPLICATIONS
• Mobile Handsets
• USB Dongles
• Stereo Headsets
• Personal Digital Assistants
• Personal Computers
• Automotive Telematics

DESCRIPTION
The LMX5453 is a highly integrated Bluetooth 2.0 compliant solution. The integrated baseband
controller and 2.4 GHz radio combine to form a
complete, small form-factor (6.1 mm × 9.1 mm × 1.2
mm) Bluetooth node.
The on-chip memory, ROM, and Patch RAM provide
lowest cost and minimize design risk with the
flexibility of firmware upgrades.
The firmware supplied in the on-chip ROM supports a
complete Bluetooth Link Manager and HCI with communication through a UART or USB interface.
This firmware features point-to-point and point-to–
multipoint link management, supporting data rates up
to 723 kbps.
The radio employs an integrated antenna filter and
switch to minimize the number of external
components.
The radio has a heterodyne receiver architecture with
a low intermediate frequency (IF), which enables the
IF filters to be integrated on-chip. The transmitter uses direct IQ-modulation with Gaussian-filtered bit-
stream data, a voltage-controlled oscillator (VCO)
buffer, and a power amplifier.
The LMX5453 module is lead free and RoHS (Restriction of Hazardous Substances) compliant. For
more information on those quality standards, please
visit our green compliance website at **
http://www.national.com/quality/green/




Similar Part No. - LMX5453

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX5453 NSC-LMX5453 Datasheet
526Kb / 4P
Micro-Module Integrated Bluetooth-R 2.0 Baseband Controller and Radio
logo
Texas Instruments
LMX5453 TI1-LMX5453 Datasheet
2Mb / 40P
LMX5453 Micro-Module Integrated Bluetooth짰2.0 Baseband Controller and Radio
logo
National Semiconductor ...
LMX5453SM NSC-LMX5453SM Datasheet
526Kb / 4P
Micro-Module Integrated Bluetooth-R 2.0 Baseband Controller and Radio
logo
Texas Instruments
LMX5453SM/NOPB TI1-LMX5453SM/NOPB Datasheet
2Mb / 40P
LMX5453 Micro-Module Integrated Bluetooth짰2.0 Baseband Controller and Radio
logo
National Semiconductor ...
LMX5453SMX NSC-LMX5453SMX Datasheet
526Kb / 4P
Micro-Module Integrated Bluetooth-R 2.0 Baseband Controller and Radio
More results


Similar Description - LMX5453

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
Bluetooth baseband controller
Rev. 01-23 April 2004
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
Bluetooth Baseband Controller
logo
National Semiconductor ...
LMX5452 NSC-LMX5452 Datasheet
525Kb / 3P
Micro-Module Integrated Bluetooth-R 1.2 Baseband Controller and Radio
LMX5453 NSC-LMX5453 Datasheet
526Kb / 4P
Micro-Module Integrated Bluetooth-R 2.0 Baseband Controller and Radio
logo
OKI electronic componet...
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
Bluetooth Baseband Controller IC
logo
NXP Semiconductors
BGB203 PHILIPS-BGB203 Datasheet
1Mb / 24P
Bluetooth System-in-a-Package radio with baseband controller
Rev. 1.0-2005 July 28
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
Bluetooth Baseband Controller
logo
Texas Instruments
LMX5452 TI1-LMX5452_14 Datasheet
217Kb / 5P
Micro-Module Integrated Bluetooth 1.2 Baseband Controller and Radio
LMX5452 TI1-LMX5452 Datasheet
841Kb / 10P
Micro-Module Integrated Bluetooth짰 1.2 Baseband Controller and Radio
LMX5453 TI1-LMX5453 Datasheet
2Mb / 40P
LMX5453 Micro-Module Integrated Bluetooth짰2.0 Baseband Controller and Radio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com