Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR23610 Datasheet (PDF) - Texas Instruments

LMR23610 Datasheet PDF - Texas Instruments
Part # LMR23610
Download  LMR23610 Download
File Size   2152.79 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR23610-Q1 SIMPLE SWITCHER® 36 V, 1 A Synchronous Step-Down Converter

LMR23610 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR23610 Datasheet PDF - Texas Instruments

Part # LMR23610
Download  LMR23610 Click to download

File Size   2152.79 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR23610-Q1 SIMPLE SWITCHER® 36 V, 1 A Synchronous Step-Down Converter

LMR23610 Datasheet (HTML) - Texas Instruments


LMR23610 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
- Device Temperature Grade 1: -40 °C to 125 °C
Ambient Operating Temperature Range
- Device HBM ESD Classification Level H1C
- Device CDM ESD Classification Level C4A
• 4 V to 36 V Input Range
• 1 A Continuous Output Current
• Integrated Synchronous Rectification
• Current Mode Control
• Minimum Switch-On Time: 60 ns
• Internal Compensation for Ease of Use
• 400 kHz Switching Frequency With PFM Mode
• Frequency Synchronization to External Clock
• 75 μA Quiescent Current at No Load
• Soft-Start into a Pre-Biased Load
• High Duty Cycle Operation Supported
• Output Short-Circuit Protection with Hiccup Mode
• 8-Pin HSOIC with PowerPAD™ Package Options
• Create a Custom Design Using the LMR23610-Q1
With the WEBENCH® Power Designer

2 Applications
• Automotive Battery Regulation
• Industrial Power Supplies
• Telecom and Datacom Systems
• General Purpose Wide Vin Regulation

3 Description
The LMR23610-Q1 SIMPLE SWITCHER® is an easy
to use 36 V, 1 A synchronous step down regulator.
With a wide input range from 4 V to 36 V, it is
suitable for various applications from industrial to
automotive for power conditioning from unregulated
sources. Peak current mode control is employed to
achieve simple control loop compensation and cycleby-
cycle current limiting. A quiescent current of 75 μA
makes it suitable for battery powered systems.
Internal loop compensation means that the user is
free from the tedious task of loop compensation
design. This also minimizes the external components.
An extended family is available in 1.5 A (LMR23615-
Q1), 2.5 A (LMR23625-Q1) and 3 A (LMR23630-Q1)
load current options in pin-to-pin compatible
packages which allows simple, optimum PCB layout.
A precision enable input allows simplification of
regulator control and system power sequencing.
Protection features include cycle-by-cycle current
limit, hiccup mode short circuit protection and thermal
shutdown due to excessive power dissipation.




Similar Part No. - LMR23610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23610 TI1-LMR23610 Datasheet
148Kb / 9P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23610 TI1-LMR23610 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23610 TI2-LMR23610 Datasheet
1Mb / 37P
LMR23610 SIMPLE SWITCHER® 36-V, 1-A Synchronous Step-Down Converter
REVISED FEBRUARY 2018
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23610-Q1 TI2-LMR23610-Q1 Datasheet
1Mb / 37P
LMR23610 SIMPLE SWITCHER® 36-V, 1-A Synchronous Step-Down Converter
REVISED FEBRUARY 2018
More results


Similar Description - LMR23610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23610 TI1-LMR23610 Datasheet
148Kb / 9P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com