Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-102 Datasheet (PDF) - TE Connectivity Ltd

AD-102 Datasheet PDF - TE Connectivity Ltd
Part # AD-102
Download  AD-102 Download
File Size   344.39 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description High Resolution Bubble Detector

AD-102 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD-102 Datasheet PDF - TE Connectivity Ltd

Part # AD-102
Download  AD-102 Click to download

File Size   344.39 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description High Resolution Bubble Detector

AD-102 Datasheet (HTML) - TE Connectivity Ltd


AD-102 Product details

High Resolution Air Bubble Detector (ABD)
In applications like infusion pumps, syringe pumps, hemodialysis or
peritoneal dialysis systems, and blood flow monitoring, the accurate
detection of bubbles is of utmost importance. TE Connectivity (TE)
proudly introduces its cutting-edge AD-102 High-Resolution Air Bubble
Detect (ABD) sensor, designed to set a new industry standard with an
exceptional bubble resolution of 25% of the tube's inner diameter. This
non-invasive device offers continuous monitoring of fluid to detect air
bubbles effectively.
Employing advanced ultrasonic technology, the High-Resolution AD102 sensor is capable of reliably identifying interruptions in liquid flow,
regardless of the liquid type. It provides a robust solution for positively
confirming the presence of any flow disruption, ensuring the utmost
safety and precision in critical medical applications.

Features
 Bubble detection resolution of 25% of tubing
inner diameter.
 Customizable tubing sizes between 3mm to
10mm, with 6mm as standard.
 Non-invasive design eliminates concerns
related to sterility & fluid compatibility.
 High noise immunity to EMI/RFI
 On-demand self-test to verify functionality,
preventing false positive readings.
 LED indication of sensor wet and dry state
visible through housing.
 Compliance with ROHS Directive
2011/65/EU

Key Specifications
 Temperature Range: 5°C to +60°C
 Response Time: < 0.5ms
 Input: 5 ± 0.5VDC
 Output: 5V TTL
 Current Draw: 5mA typical, <10 mA

Applications
 Hemodialysis
 Infusion Pumps
 Syringe Pumps
 Cardiac Ablation
 Automated Immunoassay Analyzers
 Apheresis/Auto-Transfusion
 Semiconductor
 Blood Processing
 DNA Analysis
 Laboratory
 Pharmaceutical
 Chemical Analysis
 Food Processing
 3D Printing




Similar Part No. - AD-102

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AD-101 TEC-AD-101 Datasheet
176Kb / 2P
Air Bubble Detector
More results


Similar Description - AD-102

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
CML174SXW HITACHI-CML174SXW Datasheet
113Kb / 2P
High Resolution
logo
Hamamatsu Corporation
F9890-11 HAMAMATSU-F9890-11 Datasheet
254Kb / 2P
HIGH TIME RESOLUTION TOF-MS DETECTOR HIGH VOLTAGE FLOATING OPERATION
F9890-13 HAMAMATSU-F9890-13 Datasheet
130Kb / 2P
HIGH TIME RESOLUTION TOF-MS DETECTOR ANODE GROUND TYPE
logo
Analog Devices
ADADC72 AD-ADADC72_15 Datasheet
2Mb / 8P
COMPLETE HIGH RESOLUTION
REV. B
logo
List of Unclassifed Man...
LG01 ETC2-LG01 Datasheet
236Kb / 4P
Liquid Flow Switch and Bubble Detector
logo
Texas Instruments
DLPC7540 TI1-DLPC7540 Datasheet
114Kb / 8P
DLPC7541 High Resolution Controller
DLPC7540 TI1-DLPC7540_V01 Datasheet
117Kb / 8P
DLPC7541 High Resolution Controller
DLPC7541 TI-DLPC7541 Datasheet
154Kb / 8P
DLPC7541 High Resolution Controller
logo
Digital View Ltd
HX-1920V3 DIGITALVIEW-HX-1920V3 Datasheet
921Kb / 2P
High-Resolution Controller
August 2014 v1.2
SVX-1920-V3 DIGITALVIEW-SVX-1920-V3 Datasheet
769Kb / 2P
High-Resolution Controller
November 2014 v1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com