Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4510B Datasheet (PDF) - STMicroelectronics

HCF4510B Datasheet PDF - STMicroelectronics
Part # HCF4510B
Download  HCF4510B Download
File Size   136.22 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRESETTABLE UP/DOWN COUNTERS

HCF4510B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4510B Datasheet PDF - STMicroelectronics

Part # HCF4510B
Download  HCF4510B Click to download

File Size   136.22 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRESETTABLE UP/DOWN COUNTERS

HCF4510B Datasheet (HTML) - STMicroelectronics


HCF4510B Product details

DESCRIPTION

HCF4510B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP package.

It is a PRESETTABLE BCD UP/DOWN COUNTER consists of four synchronously clocked D-type flip-flops (with a gating structure to provide T-type flip-flop capability) connected as a counter. This counter can be cleared by a high level on the RESET line, and can be preset to any binary number present on the jam inputs by a high level on the PRESET ENABLE line.



■ MEDIUM SPEED OPERATION : 8 MHz (Typ.) at 10V

■ SYNCHRONOUS INTERNAL CARRY PROPAGATION

■ RESET AND PRESET CAPABILITY

■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS

■ QUIESCENT CURRENT SPECIF. UP TO 20V

■ 5V, 10V AND 15V PARAMETRIC RATINGS

■ INPUT LEAKAGE CURRENT

   II = 100nA (MAX) AT VDD = 18V TA = 25°C

■ 100% TESTED FOR QUIESCENT CURRENT

■ MEETS ALL REQUIREMENTS OF JEDEC JESD13B "STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"



 




Similar Part No. - HCF4510B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
484Kb / 11P
PRESETTABLE BCD UP/DOWN COUNTER
Sep-2002
HCF4510BEY STMICROELECTRONICS-HCF4510BEY Datasheet
484Kb / 11P
PRESETTABLE BCD UP/DOWN COUNTER
Sep-2002
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
PRESETTABLE BCD UP/DOWN COUNTER
Sep-2002
More results


Similar Description - HCF4510B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
CMOS PRESETTABLE UP/DOWN COUNTERS
logo
Intersil Corporation
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
CMOS Presettable Up/Down Counters
December 1992
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
PRESETTABLE UP / DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
PRESETTABLE UP / DOWN COUNTERS
logo
ON Semiconductor
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
156Kb / 10P
Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
logo
Texas Instruments
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_14 Datasheet
125Kb / 9P
Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com