Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA314 Datasheet (PDF) - Texas Instruments

OPA314 Datasheet PDF - Texas Instruments
Part # OPA314
Download  OPA314 Download
File Size   1525.91 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier

OPA314 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA314 Datasheet PDF - Texas Instruments

Part # OPA314
Download  OPA314 Click to download

File Size   1525.91 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier

OPA314 Datasheet (HTML) - Texas Instruments


OPA314 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade : –40°C to +125°C
Ambient Operating Temperature Range
– Device HBM Classification Level 2
– Device CDM Classification Level C6
• Low IQ: 150 μA/ch
• Wide Supply Range: 1.8 V to 5.5 V
• Low Noise: 14 nV/√Hz at 1 kHz
• Gain Bandwidth: 3 MHz
• Low Input Bias Current: 0.2 pA
• Low Offset Voltage: 0.5 mV
• Unity-Gain Stable
• Internal RF and EMI Filter
• Specified Temperature Range:
–40°C to +125°C

2 Applications
• Automotive Applications:
– ADAS
– Body Electronics and Lighting
– Current Sensing
– Battery Monitoring

3 Description
The OPAx314-Q1 series is a family of single–, and
dual–, and quad-channel operational amplifiers (op
amps) that represents a new generation of lowpower,
general-purpose CMOS amplifiers. Rail-to-rail
input and output swings, low quiescent current (150
μA typically at 5 VS) combined with a wide bandwidth
of 3 MHz, and very low noise (14 nV/√Hz at 1 kHz)
make this device family very attractive for a variety of
battery-powered applications that require a good
balance between cost and performance. The lowinput
bias current supports applications with
megaohm source impedances.
The robust design of the OPAx314-Q1 series
provides ease-of-use to the circuit designer: unitygain
stability with capacitive loads of up to 300 pF, an
integrated RF and EMI rejection filter, no phase
reversal in overdrive conditions, and high electrostatic
discharge (ESD) protection (4-kV HBM).
The device is optimized for low-voltage operation as
low as 1.8 V (±0.9 V) and up to 5.5 V (±2.75 V), and
is specified over the full extended temperature range
of –40°C to +125°C.
The single-channel device, OPA314-Q1, is offered in
the SOT-23 package and the dual-channel device,
OPA2314-Q1, is offered in the VSSOP (8) package.
The quad-channel OPA4314-Q1 is available in the
14-pin TSSOP package.




Similar Part No. - OPA314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA314 TI1-OPA314 Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314 Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI1-OPA314 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI2-OPA314 Datasheet
2Mb / 53P
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
REVISED JUNE 2015
More results


Similar Description - OPA314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI-OPA2314-Q1_15 Datasheet
1Mb / 28P
OPA2314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com