Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SG Datasheet (PDF) - Texas Instruments

TDA2SG Datasheet PDF - Texas Instruments
Part # TDA2SG
Download  TDA2SG Download
File Size   6826.7 Kbytes
Page   427 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0

TDA2SG Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2SG Datasheet PDF - Texas Instruments

Part # TDA2SG
Download  TDA2SG Click to download

File Size   6826.7 Kbytes
Page   427 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0

TDA2SG Datasheet (HTML) - Texas Instruments


TDA2SG Product details

1.1 Features 1
• Architecture designed for ADAS applications
• Video, image, and gaphics processing support
– Full-HD video (1920 × 1080p, 60 fps)
– Multiple video input and video output
• Dual Arm® Cortex®-A15 microprocessor subsystem
• Up to two C66x floating-point VLIW DSP
– Fully object-code compatible with C67x and
C64x+
– Up to thirty-two 16 × 16-Bit fixed-point multiplies
per cycle
• Up to 2.5MB of on-chip L3 RAM
• Level 3 (L3) and level 4 (L4) interconnects
• Two DDR2/DDR3/DDR3L memory interface
(EMIF) modules
– Supports up to DDR2-800 and DDR3-1066
– Up to 2GB supported per EMIF
• Dual Arm® Cortex®-M4 Image Orocessing Units
(IPU)
• Vision acceleration pac
– Up to four Embedded Vision Engines (EVEs)
• IVA-HD subsystem
• Display subsystem
– Display controller with DMA engine and up to
three pipelines
– HDMI™ encoder: HDMI 1.4a and DVI 1.0
compliant
• 2D-graphics accelerator (BB2D) subsystem
– Vivante® GC320 core
• Video Processing Engine (VPE)
• Dual-core PowerVR® SGX544 3D GPU
• Three Video Input Port (VIP) modules
– Support for up to 10 multiplexed input ports
• General-Purpose Memory Controller (GPMC)
• 2-port gigabit ethernet (GMAC)
• Enhanced Direct Memory Access (EDMA)
controller
• Dual Controller Area Network (DCAN) modules
– CAN 2.0B protocol
• PCI-Express® 3.0 port with integrated PHY
– One 2-lane gen2-compliant port
– or two 1-lane gen2-compliant ports
• Sixteen 32-bit general-purpose timers
• 32-bit MPU watchdog timer
• Ten configurable UART/IrDA/CIR modules
• Four Multichannel Serial Peripheral Interfaces
(McSPI)
• Quad SPI interface
• Five Inter-Integrated Circuit (I2C) ports
• SATA interface
• Eight Multichannel Audio Serial Port (McASP)
modules
• SuperSpeed USB 3.0 dual-role device
• Three high-speed USB 2.0 dual-role devices
• Four Multimedia Card/Secure Digital/Secure Digital
Input Output interfaces ( MMC®/ SD®/SDIO)
• Up to 247 General-Purpose I/O (GPIO) pins
• Real-Time Clock SubSystem (RTCSS)
• Device security features
– Hardware crypto accelerators and DMA
– Firewalls
– JTAG® lock
– Secure keys
– Secure ROM and boot
• Power, Reset, and Clock Management (PRSM)
• On-chip debug with CTools technology
• Automotive AEC-Q100 qualified
• 28-nm CMOS technology
• 23 mm × 23 mm, 0.8-mm pitch, 760-Pin BGA
(ABC)

1.2 Applications
• Mono, Stereo or Tri-Optic Front Camera
– Object detection
– Pedestrian detection
– Traffic sign recognition
– Lane detection and departure warning
– Automatic emergency braking
– Adaptive cruise control
– Forward collision warning
– High beam assist
• LVDS or ethernet surround view
– 2D surround view
– 3D surround view
– Rear object detection
– Parking assist
– Pedestrian detection
– Lane tracking
– Drive recording
• Sensor fusion – vision, radar, ultrasonic, lidar
sensors
– Object data fusion
– Raw data fusion

1.3 Description
TI’s new TDA2x System-on-Chip (SoC) is a highly optimized and scalable family of devices designed to
meet the requirements of leading Advanced Driver Assistance Systems (ADAS). The TDA2x family
enables broad ADAS applications in automobiles by integrating an optimal mix of performance, low power
and ADAS vision analytics processing that aims to facilitate a more autonomous and collision-free driving
experience.
The TDA2x SoC enables sophisticated embedded vision technology in automobiles by broadest range of
ADAS applications including front camera, park assist, surround view and sensor fusion on a single
architecture.
The TDA2x SoC incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed and
floating-point TMS320C66x digital signal processor (DSP) generation cores, Vision AccelerationPac, Arm®
Cortex®-A15 MPCore™ and dual-Cortex-M4 processors. The integration of a video accelerator for
decoding multiple video streams over an Ethernet AVB network, along with graphics accelerators for
rendering virtual views, enable a 3D viewing experience. And the TDA2x SoC also integrates a host of
peripherals including multi-camera interfaces (both parallel and serial) for LVDS-based surround view
systems, displays, CAN and GigB Ethernet AVB.
The Vision AccelerationPac for this family of products includes multiple embedded vision engines (EVEs)
offloading the vision analytics functionality from the application processor while also reducing the power
footprint. The Vision AccelerationPac is optimized for vision processing with a 32-bit RISC core for
efficient program execution and a vector coprocessor for specialized vision processing.
Additionally, TI provides a complete set of development tools for the Arm, DSP, and EVE coprocessor,
including C compilers, a DSP assembly optimizer to simplify programming and scheduling, and a
debugging interface for visibility into source code execution.
The TDA2x ADAS processor is qualified according to the AEC-Q100 standard.




Similar Part No. - TDA2SG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2SG TI1-TDA2SG Datasheet
6Mb / 426P
ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2SG TI1-TDA2SG Datasheet
6Mb / 427P
TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2SGABC TI1-TDA2SGABC Datasheet
6Mb / 427P
TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2SGBRQABCQ1 TI1-TDA2SGBRQABCQ1 Datasheet
6Mb / 426P
ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2SGBRQABCQ1 TI1-TDA2SGBRQABCQ1 Datasheet
6Mb / 427P
TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
More results


Similar Description - TDA2SG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2HA-17 TI1-TDA2HA-17 Datasheet
5Mb / 380P
TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 457P
ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com