Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2274AM-MIL Datasheet (PDF) - Texas Instruments

TLC2274AM-MIL Datasheet PDF - Texas Instruments
Part # TLC2274AM-MIL
Download  TLC2274AM-MIL Download
File Size   1552.75 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC2274AM-MIL Advanced LinCMOS Rail-to-Rail Operational Amplifier

TLC2274AM-MIL Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC2274AM-MIL Datasheet PDF - Texas Instruments

Part # TLC2274AM-MIL
Download  TLC2274AM-MIL Click to download

File Size   1552.75 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC2274AM-MIL Advanced LinCMOS Rail-to-Rail Operational Amplifier

TLC2274AM-MIL Datasheet (HTML) - Texas Instruments


TLC2274AM-MIL Product details

1 Features
1• Output Swing Includes Both Supply Rails
• Low Noise: 9 nV/√Hz Typical at f = 1 kHz
• Low-Input Bias Current: 1-pA Typical
• Fully-Specified for Both Single-Supply and Split-
Supply Operation
• Common-Mode Input Voltage Range Includes
Negative Rail
• High-Gain Bandwidth: 2.2-MHz Typical
• High Slew Rate: 3.6-V/μs Typical
• Low Input Offset Voltage: 2.5 mV Maximum at
TA = 25°C
• Macromodel Included
• Performance Upgrades for the TLC272 and
TLC274
• Available in Q-Temp Automotive

2 Applications
• White Goods (Refrigerators, Washing Machines)
• Hand-held Monitoring Systems
• Configuration Control and Print Support
• Transducer Interfaces
• Battery-Powered Applications

3 Description
The TLC2274AM-MIL device is a quadruple
operational amplifier from Texas Instruments. The
device exhibits rail-to-rail output performance for
increased dynamic range in single- or split-supply
applications. The TLC2274AM-MIL device offers 2
MHz of bandwidth and 3 V/μs of slew rate for higherspeed
applications. Thee device offers comparable
ac performance while having better noise, input offset
voltage, and power dissipation than existing CMOS
operational amplifiers. The TLC2274AM-MIL device
has a noise voltage of 9 nV/√Hz, two times lower
than competitive solutions.
The TLC2274AM-MIL device, exhibiting high input
impedance and low noise, is excellent for small-signal
conditioning for high-impedance sources such as
piezoelectric transducers. Because of the micropower
dissipation levels, the device works well in hand-held
monitoring and remote-sensing applications. In
addition, the rail-to-rail output feature, with single- or
split-supplies, makes this device a great choice when
interfacing with analog-to-digital converters (ADCs).
For precision applications, the TLC2272AM-MIL
device is available with a maximum input offset
voltage of 950 μV. This device is fully characterized
at 5 V and ±5 V.
The TLC2274AM-MIL device also makes a great
upgrade to the TLC272 in standard designs, offering
increased output dynamic range, lower noise voltage,
and lower input offset voltage. This enhanced feature
set allows the device to be used in a wider range of
applications. For applications that require higher
output drive and wider input voltage range, see the
TLV2432 and TLV2442 devices.
If the design requires single amplifiers, see the
TLV2211, TLV2221 and TLV2231 family. These
devices are single rail-to-rail operational amplifiers in
the SOT-23 package. Their small size and low power
consumption make them ideal for high density,
battery-powered equipment.




Similar Part No. - TLC2274AM-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2274AM-MIL TI1-TLC2274AM-MIL Datasheet
1Mb / 33P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results


Similar Description - TLC2274AM-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274-HT TI-TLC2274-HT Datasheet
1Mb / 29P
TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2272AM-MIL TI1-TLC2272AM-MIL Datasheet
925Kb / 32P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272M-MIL TI1-TLC2272M-MIL Datasheet
1Mb / 36P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274AM-MIL TI1-TLC2274AM-MIL Datasheet
1Mb / 33P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274M-MIL TI1-TLC2274M-MIL Datasheet
1Mb / 33P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com