Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP421-Q1 Datasheet (PDF) - Texas Instruments

TMP421-Q1 Datasheet PDF - Texas Instruments
Part # TMP421-Q1
Download  TMP421-Q1 Download
File Size   738.41 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP42x-Q1 ±1°C Remote and Local Temperature Sensor

TMP421-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP421-Q1 Datasheet PDF - Texas Instruments

Part # TMP421-Q1
Download  TMP421-Q1 Click to download

File Size   738.41 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP42x-Q1 ±1°C Remote and Local Temperature Sensor

TMP421-Q1 Datasheet (HTML) - Texas Instruments


TMP421-Q1 Product details

1 Features
1• AEC-Q100 Qualified with the Following Results
– Temperature Grade 1: –40°C to +125°C
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C5
• SOT23-8 Package
• ±1°C Remote Diode Sensor (Maximum)
• ±1.5°C Local Temperature Sensor (Maximum)
• Series Resistance Cancellation
• n-Factor Correction
• Two-Wire I2C or SMBus™ Compatible Serial
Interface
• Multiple Interface Addresses
• Diode Fault Detection
• RoHS Compliant and No Sb/Br

2 Applications
• Processor and FPGA Temperature Monitoring
• LCD, DLP, and LCOS Projectors
• Servers
• Central Office Telecom Equipment
• Storage Area Networks (SAN)

3 Description
The TMP421-Q1, TMP422-Q1, and TMP423-Q1
devices are single, dual, and triple remote,
automotive-qualified temperature sensor monitors
with a built-in local temperature sensor. The remote
temperature sensor diode-connected transistors are
typically low-cost, NPN- or PNP-type transistors or
diodes that are an integral part of microcontrollers,
microprocessors, or field-programmable gate arrays
(FPGAs).
Remote accuracy is ±1°C for multiple device
manufacturers, with no calibration needed. The twowire
serial interface accepts SMBus write byte, read
byte, send byte, and receive byte commands to
configure the device.
The TMP421-Q1, TMP422-Q1, and TMP423-Q1
include series resistance cancellation, programmable
non-ideality factor, wide remote temperature
measurement range (up to +150°C), and diode fault
detection.
The TMP421-Q1, TMP422-Q1, and TMP423-Q1 are
all available in an 8-pin SOT-23 package.




Similar Part No. - TMP421-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP421-Q1 TI2-TMP421-Q1 Datasheet
719Kb / 36P
±1°C Remote and Local TEMPERATURE SENSOR
REVISED MAY 2012
TMP421-Q1 TI2-TMP421-Q1 Datasheet
732Kb / 38P
TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
NOVEMBER 2016
TMP421-Q1 TI2-TMP421-Q1 Datasheet
731Kb / 37P
±1°C Remote and Local TEMPERATURE SENSOR
REVISED MAY 2012
More results


Similar Description - TMP421-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
logo
ON Semiconductor
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com