Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5USBC41 Datasheet (PDF) - Texas Instruments

TS5USBC41 Datasheet PDF - Texas Instruments
Part # TS5USBC41
Download  TS5USBC41 Download
File Size   709.99 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS5USBC41 Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V/24-V Overvoltage Protection

TS5USBC41 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS5USBC41 Datasheet PDF - Texas Instruments

Part # TS5USBC41
Download  TS5USBC41 Click to download

File Size   709.99 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS5USBC41 Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V/24-V Overvoltage Protection

TS5USBC41 Datasheet (HTML) - Texas Instruments


TS5USBC41 Product details

1 Features
1• Supply Range 2.3 V to 5.5 V
• Differential 2:1 or 1:2 Switch/Multiplexer or
Flexible Dual Single Ended Cross Switch
• 0-V to 20-V (TS5USBC410) and 24-V
(TS5USBC412) Overvoltage Protection (OVP) on
Common Pins
• Powered Off Protection When VCC = 0 V
• Low RON of 9 Ω Maximum
• BW of 1.1-GHz (TS5USBC410) and 1.2-GHz
(TS5USBC412) Typical
• CON typical of 2.7 pF (TS5USBC410) and 2.5 pF
(TS5USBC412)
• Low Power Disable Mode
• 1.8-V Compatible Logic Inputs
• ESD Protection Exceeds JESD 22
– 2000-V Human Body Model (HBM)
• TS5USBC410 and TS5USBC412: Standard
Temperature Range of 0°C to 70°C
• TS5USBC410I and TS5USBC412I: Industrial
Temperature Range of -40°C to 85°C
• Small DSBGA Package

2 Applications
• Mobile
• PC/Notebook
• Tablet
• Anywhere a USB Type-C™ or Micro-B Connector
is Used

3 Description
The TS5USBC41 is a bidirectional low-power dual
port, high-speed, USB 2.0 analog switch with
integrated protection for USB Type-C™ systems. The
device is configured as a dual 2:1 or 1:2 switch. It is
optimized for use with the USB 2.0 D+/- lines in a
USB Type-C™ systems.
The TS5USBC41 protection on the I/O pins can
tolerate up to 20 V (TS5USBC410) or 24 V
(TS5USBC412) with automatic shutoff circuitry to
protect system components behind the switch.
The TS5USBC41 comes in a small 12 pin DSBGA
package making it a perfect candidate for mobile and
space constrained applications.




Similar Part No. - TS5USBC41

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5USBC41 TI1-TS5USBC41 Datasheet
585Kb / 27P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
TS5USBC41 TI2-TS5USBC41 Datasheet
704Kb / 30P
TS5USBC41 Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V/24-V Overvoltage Protection
REVISED JUNE 2018
TS5USBC410 TI1-TS5USBC410 Datasheet
585Kb / 27P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
TS5USBC410 TI2-TS5USBC410 Datasheet
704Kb / 30P
TS5USBC41 Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V/24-V Overvoltage Protection
REVISED JUNE 2018
TS5USBC410I TI1-TS5USBC410I Datasheet
585Kb / 27P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
More results


Similar Description - TS5USBC41

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC41 TI1-TS5USBC41 Datasheet
585Kb / 27P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com