Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB43AB23IPDTEP Datasheet (PDF) - Texas Instruments

TSB43AB23IPDTEP Datasheet PDF - Texas Instruments
Part # TSB43AB23IPDTEP
Download  TSB43AB23IPDTEP Download
File Size   591.93 Kbytes
Page   112 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description IEEE 1394a-2000 OHCI PHY|Link Layer Controller

TSB43AB23IPDTEP Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB43AB23IPDTEP Datasheet PDF - Texas Instruments

Part # TSB43AB23IPDTEP
Download  TSB43AB23IPDTEP Click to download

File Size   591.93 Kbytes
Page   112 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description IEEE 1394a-2000 OHCI PHY|Link Layer Controller

TSB43AB23IPDTEP Datasheet (HTML) - Texas Instruments


TSB43AB23IPDTEP Product details

1.2 Features
The TSB43AB23 device supports the following features:
• Fully compliant with 1394 Open Host Controller Interface Specification (Release 1.1)
• Fully compliant with provisions of IEEE Std 1394-1995 for a high-performance serial bus† and IEEE Std
1394a-2000
• Fully interoperable with FireWire and i.LINK implementations of IEEE Std 1394
• Compliant with Intel Mobile Power Guideline 2000
• Full IEEE Std 1394a-2000 support includes: connection debounce, arbitrated short reset, multispeed
concatenation, arbitration acceleration, fly-by concatenation, and port disable/suspend/resume
• Power-down features to conserve energy in battery-powered applications include: automatic device power
down during suspend, PCI power management for link-layer, and inactive ports powered down
• Ultralow-power sleep mode
• Three IEEE Std 1394a-2000 fully compliant cable ports at 100M bits/s, 200M bits/s, and 400M bits/s
• Cable ports monitor line conditions for active connection to remote node
• Cable power presence monitoring
• Separate cable bias (TPBIAS) for each port
• 1.8-V core logic with universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments
• Physical write posting of up to three outstanding transactions
• PCI burst transfers and deep FIFOs to tolerate large host latency
• PCI_CLKRUN protocol
• External cycle timer control for customized synchronization
• Extended resume signaling for compatibility with legacy DV components
• PHY-link logic performs system initialization and arbitration functions
• PHY-link encode and decode functions included for data-strobe bit level encoding
• PHY-link incoming data resynchronized to local clock
• Low-cost 24.576-MHz crystal provides transmit and receive data at 100M bits/s, 200M bits/s, and
400M bits/s
• Node power class information signaling for system power management
• Serial ROM interface supports 2-wire serial EEPROM devices
• Two general-purpose I/Os
• Register bits give software control of contender bit, power class bits, link active control bit, and IEEE Std
1394a-2000 features
• Fabricated in advanced low-power CMOS process
• Isochronous receive dual-buffer mode
• Out-of-order pipelining for asynchronous transmit requests
• Register access fail interrupt when the PHY SCLK is not active
• PCI power-management D0, D1, D2, and D3 power states
• Initial bandwidth available and initial channels available registers
• PME support per 1394 Open Host Controller Interface Specification




Similar Part No. - TSB43AB23IPDTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AB23IPDTEP TI-TSB43AB23IPDTEP Datasheet
618Kb / 112P
IEEE 1394a-2000 OHCI PHY/Link Layer Controller
2005
More results


Similar Description - TSB43AB23IPDTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AB22 TI-TSB43AB22 Datasheet
519Kb / 112P
INTERGRATED 1394a-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB43AA22 TI-TSB43AA22 Datasheet
442Kb / 100P
INTEGRATED 1394A 2000 OHCI PHY LINK LAYER CONTROLLER
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22A TI-TSB43AB22A_09 Datasheet
522Kb / 113P
INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
PCI4520 TI1-PCI4520_09 Datasheet
226Kb / 7P
Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com