Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8771 Datasheet (PDF) - Monolithic Power Systems

MP8771 Datasheet PDF - Monolithic Power Systems
Part # MP8771
Download  MP8771 Download
File Size   811.69 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter

MP8771 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8771 Datasheet PDF - Monolithic Power Systems

Part # MP8771
Download  MP8771 Click to download

File Size   811.69 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter

MP8771 Datasheet (HTML) - Monolithic Power Systems


MP8771 Product details

DESCRIPTION
The MP8771 is a fully integrated, highfrequency, synchronous, rectified, step-down, switch-mode converter with internal power MOSFETs. The MP8771 offers a very compact solution that achieves 10A of continuous output current with excellent load and line regulation over a wide input range. The MP8771 uses synchronous mode operation for higher efficiency over the output current load range.
Constant-on-time (COT) control operation provides very fast transient response, easy loop design, and very tight output regulation.
Full protection features include short-circuit protection (SCP), over-current protection (OCP), under-voltage protection (UVP), and thermal shutdown.
The MP8771 requires a minimal number of readily available, standard, external components and is available in a space-saving QFN-16 (3mmx3mm) package.

FEATURES
 Wide 3V to 18V Operating Input Range
 10A Output Current
 17mΩ/8mΩ Low RDS(ON) Internal Power MOSFETs
 100μA Quiescent Current
 Output Adjustable from 0.6V
 High-Efficiency Synchronous Mode Operation
 Pre-Biased Start-Up
 Fixed 700kHz Switching Frequency
 External Programmable Soft Start-Up Time
 Enable (EN) and Power Good (PG) for Power Sequencing
 Over-Current Protection (OCP) and Hiccup
 Thermal Shutdown
 Available in a QFN-16 (3mmx3mm) Package
 The MPL-AY1265 Inductor Series Matches Best Performance

APPLICATIONS
 Security Cameras
 Portable Devices, XDSL Devices
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 General Purposes




Similar Part No. - MP8771

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8771GQ MPS-MP8771GQ Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
More results


Similar Description - MP8771

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
High Efficiency, 10A, 18V Synchronous Step-down Converter
MPQ8636A-10 MPS-MPQ8636A-10 Datasheet
1Mb / 22P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8762H MPS-MP8762H Datasheet
2Mb / 36P
High Efficiency, 10A, 18V Synchronous Step-down Converter
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com