Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1484524 Datasheet (PDF) - PHOENIX CONTACT

1484524 Datasheet PDF - PHOENIX CONTACT
Part # 1484524
Download  1484524 Download
File Size   277.55 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-AB/PT/LED/15-USB-A/C - Socket

1484524 Datasheet (PDF)

Go To PDF Page Download Datasheet
1484524 Datasheet PDF - PHOENIX CONTACT

Part # 1484524
Download  1484524 Click to download

File Size   277.55 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-AB/PT/LED/15-USB-A/C - Socket

1484524 Datasheet (HTML) - PHOENIX CONTACT


1484524 Product details

Socket, LED display and integrated USB, 1x type A and 1x type C, 5 V/3 A (total), Pin connector
pattern type AB 15A, connection method: Push-in spring connection, color: gray, nom. voltage:
125 V AC (60 Hz), nominal current: 16 A, for mounting on a DIN rail in the service interface or
direct mounting, standards/specifications: UL 489, Country marking: Canada, USA




Similar Part No. - 1484524

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
14845240 ADELS-14845240 Datasheet
117Kb / 1P
AC 164 ALSB/215 400 white
09/12/2019
More results


Similar Description - 1484524

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH06PBF VISHAY-15ETH06PBF_11 Datasheet
191Kb / 9P
Ultrafast Rectifier, 15 A FRED Pt
28-Apr-11
ETU1506S-M3 VISHAY-ETU1506S-M3 Datasheet
194Kb / 9P
Ultrafast Rectifier, 15 A FRED Pt
19-Apr-11
logo
PHOENIX CONTACT
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com