Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC61CC0902MR Datasheet (PDF) - Torex Semiconductor

XC61CC0902MR Datasheet PDF - Torex Semiconductor
Part # XC61CC0902MR
Download  XC61CC0902MR Download
File Size   608.04 Kbytes
Page   16 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Low Voltage Detectors (VDF= 0.8V~1.5V) Standard Voltage Detectors (VDF 1.6V~6.0V)

XC61CC0902MR Datasheet (PDF)

Go To PDF Page Download Datasheet
XC61CC0902MR Datasheet PDF - Torex Semiconductor

Part # XC61CC0902MR
Download  XC61CC0902MR Click to download

File Size   608.04 Kbytes
Page   16 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Low Voltage Detectors (VDF= 0.8V~1.5V) Standard Voltage Detectors (VDF 1.6V~6.0V)

XC61CC0902MR Datasheet (HTML) - Torex Semiconductor


XC61CC0902MR Product details

■GENERAL DESCRIPTION
The XC61C series are highly precise, low power consumption voltage detectors, manufactured using CMOS and laser trimming technologies.
Detect voltage is extremely accurate with minimal temperature drift.
Both CMOS and N-ch open drain output configurations are available.

■APPLICATIONS
●Microprocessor reset circuitry
●Memory battery back-up circuits
●Power-on reset circuits
●Power failure detection
●System battery life and charge voltage monitors

■FEATURES
Highly Accurate : ± 2%
: ± 1%(Standard Voltage VD: 2.6V~5.1V)
Low Power Consumption : 0.7μA (TYP.) [VIN=1.5V]
Detect Voltage Range : 0.8V ~ 6.0V in 0.1V increments
Operating Voltage Range : 0.7V ~ 6.0V (Low Voltage) 0.7V~10.0V (Standard Voltage)
Detect Voltage Temperature Characteristics : ±100ppm/℃ (TYP.)
Output Configuration : N-ch open drain or CMOS
Packages : SSOT-24 SOT-23 SOT-89
Environmentally Friendly : EU RoHS Compliant, Pb Free




Similar Part No. - XC61CC0902MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC0902MR TOREX-XC61CC0902MR Datasheet
892Kb / 19P
Low Voltage Detectors
More results


Similar Description - XC61CC0902MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61A TOREX-XC61A Datasheet
136Kb / 6P
Low Voltage Detectors竊늊DF=0.8V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
STANDARD VOLTAGE DETECTORS
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
Standard Voltage Detectors (VDF=1.6V節?.0V)
logo
First Components Intern...
FVD61C FCI-FVD61C Datasheet
392Kb / 4P
FVD61C 50mA STANDARD VOLTAGE DETECTORS Operation voltage range:1.2V to 6.0V
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com