Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMFRM2 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFRM2 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFRM2
Download  FMFRM2 Download
File Size   470.72 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Non-Penetrating Flat Roof Mount 60-inch Mast and 34-inch Extra Pole, 2-pole Version, Galvanized Steel with Powder Coating

FMFRM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFRM2 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFRM2
Download  FMFRM2 Click to download

File Size   470.72 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Non-Penetrating Flat Roof Mount 60-inch Mast and 34-inch Extra Pole, 2-pole Version, Galvanized Steel with Powder Coating

FMFRM2 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFRM2 Product details

Features
• Easy assembly instructions
• Contains Flat roof mount and secondary arm
• 5 ft tall center mast
• Secondary arm of 2.75 ft
• Powder coated galvanized steel
• Operating windspeeds up to 50 KM/h (31 mph)
• Survival windspeeds up to 100 KM/h (62 mph)
• All assembly hardware included
• Optional rubber mat for max surface tension/protection
• Standard 16” x 8” cinder blocks (Not included)




Similar Part No. - FMFRM2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFRM2-KIT FAIRVIEW-FMFRM2-KIT Datasheet
446Kb / 4P
Non-Penetrating Flat Roof Mount 60-inch Mast, 34- inch Extra Pole and 1 Rubber Mat, 2-pole Version, Galvanized Steel with Powder Coating
A
More results


Similar Description - FMFRM2

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
787-6716-9000-1000 WAGO-787-6716-9000-1000 Datasheet
86Kb / 2P
Pluggable connector, 7/8 inch; 7/8 inch; 3-pole
logo
WECO ELECTRICAL CONNECT...
338 WECO-338 Datasheet
163Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 1-pole
11.20
339-K WECO-339-K Datasheet
206Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 2-pole
01.20
340 WECO-340 Datasheet
105Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 3-pole
01.20
342 WECO-342 Datasheet
127Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 6-pole
01.20
359 WECO-359 Datasheet
168Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 1-pole
01.20
360-K WECO-360-K Datasheet
494Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 2-pole
01.20
361 WECO-361 Datasheet
159Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 3-pole
01.20
362 WECO-362 Datasheet
136Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 4-pole
01.20
363 WECO-363 Datasheet
122Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 6-pole
01.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com