Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPRM1 Datasheet (PDF) - Infinite Electronics International, Inc.

FMPRM1 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPRM1
Download  FMPRM1 Download
File Size   743.65 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Non-Penetrating Antenna Peak Roof Mount, 1-pole Version, 60-inch Mast, Galvanized Steel with Powder Coating

FMPRM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPRM1 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPRM1
Download  FMPRM1 Click to download

File Size   743.65 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Non-Penetrating Antenna Peak Roof Mount, 1-pole Version, 60-inch Mast, Galvanized Steel with Powder Coating

FMPRM1 Datasheet (HTML) - Infinite Electronics International, Inc.


FMPRM1 Product details

Features:
• Easy assembly instructions
• 5 ft tall center mast
• Secondary arm of 2.75 ft
• Powder coated galvanized steel
• Operating windspeeds up
to 50 KM/h (31 mph)
• Survival windspeeds up
to 100 KM/h (62 mph)
• All assembly hardware included
• Optional mat for max
surface tension/protection
• Standard 16” x 8” cinder
blocks (Not included)
• 150-degree max angle
for roof pitch




Similar Part No. - FMPRM1

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPRM1-KIT FAIRVIEW-FMPRM1-KIT Datasheet
494Kb / 4P
Non-Penetrating Peak Roof Mount with 2 Rubber Mats, 1-pole Version, 60-inch Mast, Galvanized Steel with Powder Coating
A
More results


Similar Description - FMPRM1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HGV115 HAMMOND-HGV115 Datasheet
194Kb / 1P
14 GAUGE STEEL GALVANIZED
HGV135 HAMMOND-HGV135 Datasheet
202Kb / 1P
14 GAUGE STEEL GALVANIZED
logo
Pulse A Technitrol Comp...
GPSDM700 PULSE-GPSDM700 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
L154 PULSE-L154 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
logo
Laird Tech Smart Techno...
FHQ69273CD LSTD-FHQ69273CD Datasheet
311Kb / 2P
Phantom Fin Multiband Roof Mount Antenna
logo
HARTING Technology Grou...
09-40-703-5402 HARTING-09-40-703-5402 Datasheet
525Kb / 2P
Han 3HPR Cover toggle W powder coating
09-40-703-5412 HARTING-09-40-703-5412 Datasheet
501Kb / 2P
Han 3HPR-C-SL-with cord-powder coating
09-40-703-0301 HARTING-09-40-703-0301 Datasheet
453Kb / 2P
Han 3HPR-HBM-TL, powder coating
09-40-703-0311 HARTING-09-40-703-0311 Datasheet
562Kb / 2P
Han 3HPR-HBM-SL, powder coating
logo
TE Connectivity Ltd
1-2316881-1 TEC-1-2316881-1 Datasheet
452Kb / 4P
TRACKSIDE WALL/MAST MOUNT ANTENNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com