Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

433L Datasheet (PDF) - 3M Electronics

433L Datasheet PDF - 3M Electronics
Part # 433L
Download  433L Download
File Size   15.36 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description High Temperature Aluminum Foil Tape

433L Datasheet (PDF)

Go To PDF Page Download Datasheet
433L Datasheet PDF - 3M Electronics

Part # 433L
Download  433L Click to download

File Size   15.36 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description High Temperature Aluminum Foil Tape

433L Datasheet (HTML) - 3M Electronics


433L Product details

Features
■ Flame resistant – meets requirements of F.A.R. 25.853(a).
■ 3M™ High Temperature Aluminum Foil Tape 433L can easily be die-cut into special sizes or shapes.
■ Best results obtained when applied to a clean surface above 32°F (0°C), but tape can be applied from 0°F to 200°F (-18°C to 93°C).
■ Performance range from -65°F to over 600°F (-54°C to over 316°C). Adhesive will gradually thermoset at high temperatures. As it thermosets, the adhesive mass becomes firm and gradually loses its pressure sensitivity but will continue to hold the tape in place. Typical Physical Properties ASTM Test Method Adhesion to Steel: 3M tape 433 40 oz./in. width (43.8 N/100 mm) D-3330 3M tape 433L 38 oz./in. width (42.0 N/100 mm) D-3330 Tensile Strength: 20 lbs./in. width (350 N/100 mm) D-3759 Elongation at Break: 3.5% D-3759 Backing Thickness: 2.0 mils (0.05 mm) D-3652 Total Tape Thickness: 3M tape 433 3.6 mils (0.09 mm) D-3652 3M tape 433L 3.5 mils (0.09 mm) D-3652 Liner Thickness: 3M tape 433L 2 .9 mils (0.07 mm) D-3652 Water Vapor 0.1 gms H2O/100 sq. in./24 hrs. Transmission Rate: (1.55 g/m2/24 hrs.) Temperature Use Range: D-3833 Permanent Appl. -65° to 600°F (-54° to 316°C) Removable Appl. -65° to 375°F (-54° to 190°C) Weight: 0.0096 lbs./yd./in. width (.0049 kg/m/24 mm)




Similar Part No. - 433L

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
433LP01D-PCB SENSORTECHNICS-433LP01D-PCB Datasheet
135Kb / 6P
Signal conditioned precision pressure transducers
433LP02D-PCB SENSORTECHNICS-433LP02D-PCB Datasheet
135Kb / 6P
Signal conditioned precision pressure transducers
433LP05D-PCB SENSORTECHNICS-433LP05D-PCB Datasheet
135Kb / 6P
Signal conditioned precision pressure transducers
433LP10D-PCB SENSORTECHNICS-433LP10D-PCB Datasheet
135Kb / 6P
Signal conditioned precision pressure transducers
433LP25D-PCB SENSORTECHNICS-433LP25D-PCB Datasheet
135Kb / 6P
Signal conditioned precision pressure transducers
More results


Similar Description - 433L

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2-5-425 3M-2-5-425 Datasheet
344Kb / 2P
Aluminum Foil Tape
Apr-2008
433 3M-433 Datasheet
48Kb / 3P
433 High Temperature Aluminium Foil Tape
Mar-1996
1517CW 3M-1517CW Datasheet
209Kb / 2P
Venture Tape™ Aluminum Foil Tape
Aug-2017
1520CW 3M-1520CW Datasheet
252Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
1580-P 3M-1580-P Datasheet
251Kb / 2P
Venture Tape™ UL181B Aluminum Foil Tape
Sep-2017
3520CW 3M-3520CW Datasheet
236Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
3363 3M-3363 Datasheet
29Kb / 2P
Aluminum Foil Tape
3380 3M-3380 Datasheet
28Kb / 2P
Aluminum Foil Tape
3369 3M-3369 Datasheet
34Kb / 2P
Aluminum Foil Tape
3340 3M-3340 Datasheet
143Kb / 5P
3M™ Aluminum Foil Tape 3340
Jul-2018
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com