Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1280 Datasheet (PDF) - Semtech Corporation

SX1280 Datasheet PDF - Semtech Corporation
Part # SX1280
Download  SX1280 Download
File Size   4094.55 Kbytes
Page   162 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Long Range, Low Power, 2.4GHz Transceiver with Ranging Capability

SX1280 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1280 Datasheet PDF - Semtech Corporation

Part # SX1280
Download  SX1280 Click to download

File Size   4094.55 Kbytes
Page   162 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Long Range, Low Power, 2.4GHz Transceiver with Ranging Capability

SX1280 Datasheet (HTML) - Semtech Corporation


SX1280 Product details

General Description
The SX1280/1 transceiver family provides ultra long range
communication in the 2.4GHz band with the linearity to
withstand heavy interference. This makes them the ideal
solution for robust and reliable wireless solutions. They are
the first ISM band transceiver IC of their kind to integrate a
time-of-flight functionality, opening up application
solutions to track and localize assets in logistic chains and
people for safety. These long range 2.4GHz products
include multiple physical layers and modulations to
optimize long range communication at high data rate for
video and security applications. Very small products for
wearables can easily be designed thanks to the high level
of integration and the ultra-low current consumption
which allows the use of miniaturized batteries.
The radio is fully compliant with all worldwide 2.4GHz radio
regulations including EN 300 440, FCC CFR 47 Part 15 and
the Japanese ARIB STD-T66.
The level of integration, low consumption and ranging
functions within the long range 2.4GHz product line enable
enhanced connectivity and provide additional
functionality to a new generation of previously
unconnected devices and applications.

Key Features
• Long Range 2.4GHz transceiver
• High sensitivity, down to -132dBm
• +12.5dBm, high efficiency PA
• Low energy consumption, on-chip DC-DC
• LoRa®, FLRC, (G)FSK supported modulations
• Programmable bit rate
• Excellent blocking immunity
• Standard & Advanced Ranging Engine, Time-of-Flight
• Bluetooth® Low Energy PHY layer compatibility
• Low system cost

Applications
• Home automation & appliances
• IoT Asset Management and Safety
• Logistics Tracking applications
• Sports /Fitness sensors and smart watches
• Radio-controlled toys & drones
• Agriculture
• Healthcare




Similar Part No. - SX1280

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
SX1280IMLTRT SEMTECH-SX1280IMLTRT Datasheet
2Mb / 137P
Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
More results


Similar Description - SX1280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
Low Power Long Range Transceiver
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
logo
List of Unclassifed Man...
LT8920 ETC2-LT8920 Datasheet
1Mb / 51P
Long range 2.4GHz Radio Transceiver
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
Low Power Long Range Transceiver Module V2.0
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com