Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LASERTURN160 Datasheet (PDF) - AEROTECH US. ALL RIGHTS RESERVED.

LASERTURN160 Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.
Part # LASERTURN160
Download  LASERTURN160 Download
File Size   896.32 Kbytes
Page   8 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Laser Machining System

LASERTURN160 Datasheet (PDF)

Go To PDF Page Download Datasheet
LASERTURN160 Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.

Part # LASERTURN160
Download  LASERTURN160 Click to download

File Size   896.32 Kbytes
Page   8 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Laser Machining System

LASERTURN160 Datasheet (HTML) - AEROTECH US. ALL RIGHTS RESERVED.


LASERTURN160 Product details

KEY FEATURES:

‹ Increases PROCESS THROUGHPUT
UP TO 40% OR MORE with NEW
high-dynamic rotary axis option
‹ Dead-length, pneumatically actuated
collet MINIMIZES TUBE MOTION
during gripping & regripping
‹ Optional alignment gripper enables
REPEATABLE TUBE ADVANCE for
easily processing longer tubes
‹ Accommodates tube diameters from
0.1 mm to 7.9 mm
‹ Direct-drive motors & crossed-roller
bearings deliver ULTRA-SMOOTH
MOTION for manufacturing highly
reproducible parts




Similar Part No. - LASERTURN160

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
LASERTURN-1 AEROTECH-LASERTURN-1 Datasheet
1Mb / 5P
Linear/Rotary Motion Platform
More results


Similar Description - LASERTURN160

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24242 CYPRESS-CY24242 Datasheet
224Kb / 10P
Laser Printer System Frequency Synthesizer
logo
Mitsubishi Electric Sem...
ML520G51 MITSUBISHI-ML520G51 Datasheet
129Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
ML520G54 MITSUBISHI-ML520G54 Datasheet
148Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
ML520G71 MITSUBISHI-ML520G71 Datasheet
131Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
logo
Roithner LaserTechnik G...
GLP-3-447 ROITHNER-GLP-3-447 Datasheet
127Kb / 2P
Portable Blue Diode Laser System
GLP-3-589 ROITHNER-GLP-3-589 Datasheet
106Kb / 2P
Portable Yellow DPSS Laser System
GLP-3-635 ROITHNER-GLP-3-635 Datasheet
114Kb / 2P
Portable Red Diode Laser System
GLP-3-808 ROITHNER-GLP-3-808 Datasheet
114Kb / 2P
Portable Infrared Diode Laser System
GLP-3-1064 ROITHNER-GLP-3-1064 Datasheet
131Kb / 2P
Portable Infrared DPSS Laser System
logo
SparkFun Electronics
TOL-14814 SPARKFUN-TOL-14814 Datasheet
291Kb / 2P
PCB Machining Kit
8-6-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com