Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF630S Datasheet (PDF) - STMicroelectronics

IRF630S Datasheet PDF - STMicroelectronics
Part # IRF630S
Download  IRF630S Download
File Size   85.22 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET

IRF630S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF630S Datasheet PDF - STMicroelectronics

Part # IRF630S
Download  IRF630S Click to download

File Size   85.22 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET

IRF630S Datasheet (HTML) - STMicroelectronics


IRF630S Product details

DESCRIPTION
This power MOSFET is designed using the company’s consolidated strip layout-based MESH OVERLAY process. This technology matches and improves the performances compared with standard parts from various sources.
   
■ TYPICAL RDS(on) = 0.35 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
■ FOR THROUGH-HOLE VERSION CONTACT
    SALES OFFICE
   
APPLICATIONS
■ HIGH CURRENT SWITCHING
■ UNINTERRUPTIBLE POWER SUPPLY (UPS)
■ DC/DC COVERTERS FOR TELECOM,
    INDUSTRIAL, AND LIGHTING EQUIPMENT.
   




Similar Part No. - IRF630S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF630S PHILIPS-IRF630S Datasheet
97Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
TRANSYS Electronics Lim...
IRF630S TEL-IRF630S Datasheet
142Kb / 1P
Power MOSFET
logo
Vishay Siliconix
IRF630S VISHAY-IRF630S Datasheet
175Kb / 9P
Power MOSFET
30-May-11
logo
Guangdong Kexin Industr...
IRF630S KEXIN-IRF630S Datasheet
1Mb / 4P
N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRF630S NJSEMI-IRF630S Datasheet
923Kb / 3P
N-channel TrenchMOS transistor
More results


Similar Description - IRF630S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
Feb-1999
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY™ MOSFET
Feb-2003
STB40NS15 STMICROELECTRONICS-STB40NS15 Datasheet
289Kb / 7P
N-CHANNEL 150V - 0.042Ω - 40A D2PAK MESH OVERLAY™ MOSFET
Dec-2001
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY™ MOSFET
Jul-2001
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY™ MOSFET
Jun-2003
IRF630M STMICROELECTRONICS-IRF630M Datasheet
343Kb / 9P
N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
Oct-2001
IRF630 STMICROELECTRONICS-IRF630_06 Datasheet
336Kb / 14P
N-channel 200V - 0.35Ω - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
03-Aug-2006
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
N-channel 200V - 0.35Ω - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
28-Jun-2006
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
Feb-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com