Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

302450299 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

302450299 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 302450299
Download  302450299 Download
File Size   296.33 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-LT Conductive Shielding Gasket

302450299 Datasheet (PDF)

Go To PDF Page Download Datasheet
302450299 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 302450299
Download  302450299 Click to download

File Size   296.33 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-LT Conductive Shielding Gasket

302450299 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


302450299 Product details

General Information:
Operating Temperature -20 °C up to +80 °C
Storage Conditions (in original
packaging) 5 °C up to ; < 75 % rH
Moisture Sensitivity Level (MSL) 1
Flammability: UL94 V-0 (File Number E474708)
Test conditions of Electrical Properties: +20 °C, 33 % rH if not specified differently




Similar Part No. - 302450299

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3024 ETC2-3024 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Abbatron All Rights Res...
3024 ABBATRON-3024 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3024 KEYSTONE-3024 Datasheet
516Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
logo
Mill-Max Mfg. Corp.
3024-0-01-XX-00-00-03-0 MILL-MAX-3024-0-01-XX-00-00-03-0 Datasheet
210Kb / 1P
PRINTED CIRCUIT PINS
logo
Keystone Electronics Co...
3024-2 KEYSTONE-3024-2 Datasheet
516Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
More results


Similar Description - 302450299

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
3021313 WURTH-3021313 Datasheet
184Kb / 3P
WE-LT Conductive Shielding Gasket
005.003
3020705 WURTH-3020705 Datasheet
182Kb / 3P
WE-LT Conductive Shielding Gasket
004.003
3021307 WURTH-3021307 Datasheet
183Kb / 3P
WE-LT Conductive Shielding Gasket
005.003
3021305 WURTH-3021305 Datasheet
183Kb / 3P
WE-LT Conductive Shielding Gasket
005.003
3021707 WURTH-3021707 Datasheet
184Kb / 3P
WE-LT Conductive Shielding Gasket
004.003
3021025 WURTH-3021025 Datasheet
183Kb / 3P
WE-LT Conductive Shielding Gasket
004.003
3021302 WURTH-3021302 Datasheet
187Kb / 3P
WE-LT Conductive Shielding Gasket
004.003
3022104 WURTH-3022104 Datasheet
183Kb / 3P
WE-LT Conductive Shielding Gasket
005.003
3023002 WURTH-3023002 Datasheet
183Kb / 3P
WE-LT Conductive Shielding Gasket
004.003
3031008 WURTH-3031008 Datasheet
182Kb / 3P
WE-LT Conductive Shielding Gasket
005.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com