Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG2012 Datasheet (PDF) - SG Micro Corp

SG2012 Datasheet PDF - SG Micro Corp
Part # SG2012
Download  SG2012 Download
File Size   534.33 Kbytes
Page   9 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 400mA , Low Power, Low Dropout, Linear Regulators

SG2012 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG2012 Datasheet PDF - SG Micro Corp

Part # SG2012
Download  SG2012 Click to download

File Size   534.33 Kbytes
Page   9 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 400mA , Low Power, Low Dropout, Linear Regulators

SG2012 Datasheet (HTML) - SG Micro Corp


SG2012 Product details

GENERAL DESCRIPTION
The SG2012 low-power, low-dropout, CMOS linear voltage regulators operate from a 2.5V to 5.5V input and deliver up to 400mA. They are perfect choice for low voltage, low power applications. An ultra low ground current (120µA at 400mA output) makes them attractive for battery operated power systems. The SG2012 series also offer ultra low dropout voltage (280mV at 400mA output) to prolong battery life in portable electronics.

FEATURES
- Ultra-Low Dropout Voltage: 280mV at 400mA output
- Low 80µA No-Load Supply Current
- Low 120µA Operating Supply Current at 400mA Output
- Thermal-Overload Protection
- Output Current Limit
- Preset Output Voltages (±1.8% Accuracy)
- Output Voltage:
    Available in Fixed Outputs of 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, and 3.3V

APPLICATIONS
    Cellular Telephones
    Digital Cameras
    MP3、 MP4
    USB 2.0
    Modems
    PC Cameras
    Hand-Held Instruments
    Electronic Dictionarys
    Portable/Battery-Powered Equipment




Similar Part No. - SG2012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2012 MICROSEMI-SG2012 Datasheet
98Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2012 MICROSEMI-SG2012 Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2012 MICROSEMI-SG2012 Datasheet
194Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2012 MICROSEMI-SG2012 Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results


Similar Description - SG2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
400mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
150mA, Low Power, Low Dropout, Linear Regulators
SG2003 SGMICRO-SG2003 Datasheet
591Kb / 12P
400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
300mA , Low Power, Low Dropout, Linear Regulators
logo
Linear Dimensions Semic...
LND48XX LINEAR_DIMENSIONS-LND48XX Datasheet
114Kb / 4P
400mA Low Dropout Voltage Regulators
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
Low-dropout linear regulators
Rev. 1-18 July 2011
logo
SG Micro Corp
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
Low Power Low Dropout RF-Linear Regulators
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
Low Power Low Dropout Linear Regulators
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Fitipower Integrated Te...
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
Low Input Voltage, Low Dropout 400mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com