Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4065 Datasheet (PDF) - Active-Semi, Inc

ACT4065 Datasheet PDF - Active-Semi, Inc
Part # ACT4065
Download  ACT4065 Download
File Size   250.28 Kbytes
Page   9 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description High Input 2A Step Down Converter

ACT4065 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT4065 Datasheet PDF - Active-Semi, Inc

Part # ACT4065
Download  ACT4065 Click to download

File Size   250.28 Kbytes
Page   9 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description High Input 2A Step Down Converter

ACT4065 Datasheet (HTML) - Active-Semi, Inc


ACT4065 Product details

GENERAL DESCRIPTION

The ACT4065 is a current-mode step-down DC-DC converter that generates up to 2A output current at 200kHz switching frequency. The device utilizes Active-Semi’s proprietary ISOBCD30 process for operation with input voltage up to 28V.



FEATURES

2A Output Current

Up to 95% Efficiency

Up to 28V Input Range

8µA Shutdown Supply Current

200kHz Switching Frequency

Adjustable Output Voltage

Cycle-by-Cycle Current Limit Protection

Thermal Shutdown Protection

Frequency Foldback at Short Circuit

Stability with Wide Range of Capacitors, Including Low ESR Ceramic Capacitors

SOP-8 Package



APPLICATIONS

TFT LCD Monitors

Portable DVDs

Car-Powered or Battery-Powered Equipments

Set-Top Boxes

Telecom Power Supplies

DSL and Cable Modems and Routers

Termination Supplies




Similar Part No. - ACT4065

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
297Kb / 10P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065ASH-T ACTIVE-SEMI-ACT4065ASH-T Datasheet
298Kb / 9P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065ASH-T ACTIVE-SEMI-ACT4065ASH-T Datasheet
297Kb / 10P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065A ACTIVE-SEMI-ACT4065A_14 Datasheet
297Kb / 10P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
More results


Similar Description - ACT4065

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072 Datasheet
729Kb / 10P
Wide Input 2A Step Down Converter
Rev 1, 12/2006
logo
List of Unclassifed Man...
ACT4012 ETC2-ACT4012 Datasheet
249Kb / 9P
Wide Input 2A Step Down Converter
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4072 ACTIVE-SEMI-ACT4072_08 Datasheet
271Kb / 10P
Wide Input 2A Step Down Converter
Rev2, 27-May-08
logo
FOSLINK SEMICONDUCTOR C...
FSP3126 FOSLINK-FSP3126 Datasheet
243Kb / 9P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065A ACTIVE-SEMI-ACT4065A_14 Datasheet
297Kb / 10P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
logo
Guangdong Kexin Industr...
FSP3170 KEXIN-FSP3170 Datasheet
998Kb / 3P
WIDE INPUT 2A STEP DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com