Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAD3224 Datasheet (PDF) - ON Semiconductor

FAD3224 Datasheet PDF - ON Semiconductor
Part # FAD3224
Download  FAD3224 Download
File Size   1160.17 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Gate Drivers, High-Speed, Low-Side, Dual 4-A

FAD3224 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAD3224 Datasheet PDF - ON Semiconductor

Part # FAD3224
Download  FAD3224 Click to download

File Size   1160.17 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Gate Drivers, High-Speed, Low-Side, Dual 4-A

FAD3224 Datasheet (HTML) - ON Semiconductor


FAD3224 Product details

Description
The FAD3224 4-A gate driver is designed to drive N-channel
enhancement-mode MOSFETs in low-side switching applications by
providing high peak current pulses during the short switching
intervals. Internal circuitry provides an und-voltage lockout function
by holding the output LOW until the supply voltage is within the
operating range. In addition, the drivers feature matched internal
propagation delays between A and B channels for applications
requiring dual gate drives with critical timing, such as synchronous
rectifiers. This also enables connecting two drivers in parallel to
effectively double the current capability driving a single MOSFET.
The FAD3224 has dual independent enable pins that default to ON if
not connected. If one or both inputs are left unconnected, internal
resistors bias the inputs such that the output is pulled LOW to hold the
power MOSFET OFF.

Features
• Industry-Standard Pinouts
• 4.5 V to 30 V Operating Range
• 5 A Peak Sink / Source at VDD = 12 V
• 4.3 A Sink / 2.8 A Source at VOUT = 6 V
• TTL Input Thresholds
• Internal Resistors Turn Driver Off If No Inputs
• 12 ns / 9 ns Typical Rise/Fall Times (2.2 nF Load)
• Under 20 ns Typical Propagation Delay Matched within 2 ns to the
Other Channel
• Double Current Capability by Paralleling Channels
• Rated from –40 °C to +125 °C Ambient
• Automotive Qualified to AEC-Q100
• FAD3224TMX with 4.5 V UVLO
• FAD3224TUMX with 9 V UVLO
• These are Pb-Free Devices

Applications
• Switch-Mode Power Supplies
• High-Efficiency MOSFET Switching
• Synchronous Rectifier Circuits
• DC-to-DC Converters
• Motor Control
• Automotive-Qualified Systems




Similar Part No. - FAD3224

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAD3151MXA ONSEMI-FAD3151MXA Datasheet
210Kb / 15P
110 V 2.5 A Single Channel Floating Gate Drivers with Desaturation Protection and Charge Pump
December, 2022 - Rev. 0
FAD3171MXA ONSEMI-FAD3171MXA Datasheet
210Kb / 15P
110 V 2.5 A Single Channel Floating Gate Drivers with Desaturation Protection and Charge Pump
December, 2022 - Rev. 0
More results


Similar Description - FAD3224

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
Dual 2A High-Speed, Low-Side Gate Drivers
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
Dual 4-A High Speed Low-Side MOSFET Drivers
logo
ON Semiconductor
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com