Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6390 Datasheet (PDF) - Active-Semi, Inc

ACT6390 Datasheet PDF - Active-Semi, Inc
Part # ACT6390
Download  ACT6390 Download
File Size   1021.83 Kbytes
Page   11 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP

ACT6390 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT6390 Datasheet PDF - Active-Semi, Inc

Part # ACT6390
Download  ACT6390 Click to download

File Size   1021.83 Kbytes
Page   11 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP

ACT6390 Datasheet (HTML) - Active-Semi, Inc


ACT6390 Product details

GENERAL DESCRIPTION
The ACT6390/ACT6391 are high-performance, fixed-frequency, current-mode PWM step-up DC/DC converters that incorporate internal power MOSFETs. The ACT6390 includes an integrated 0.2Ω power MOSFET that supports peak currents of up to 1.7A, while the ACT6391’s integrated 0.15Ω power MOSFET supports currents of up to 2.5A.
   
FEATURES
• Greater than 90% Efficiency
• Adjustable Output Voltage Up to 12V
• Internal 14V Power MOSFET
• Two Peak Current Options:
    − ACT6390: 1.7A, 0.2Ω
    − ACT6391: 2.5A, 0.15Ω
• Selectable 700kHz/1.3MHz Frequency
• Integrated Over-Voltage Protection (OVP)
• Programmable Soft-Start Function
• Thermal Shutdown
• Cycle-by-Cycle Over-Current Protection
• Small MSOP-8 Package
   
APPLICATIONS
• TFT LCD Monitors
• Battery-Powered Equipment
• Set-Top Boxes
• DSL and Cable Modems and Routers
   




Similar Part No. - ACT6390

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6390 ACTIVE-SEMI-ACT6390 Datasheet
481Kb / 11P
1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev0, 13-May-08
ACT6390 ACTIVE-SEMI-ACT6390 Datasheet
404Kb / 12P
1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev 1, 22-Aug-13
ACT6390MH-T ACTIVE-SEMI-ACT6390MH-T Datasheet
481Kb / 11P
1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev0, 13-May-08
ACT6390MH-T ACTIVE-SEMI-ACT6390MH-T Datasheet
404Kb / 12P
1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev 1, 22-Aug-13
ACT6390 ACTIVE-SEMI-ACT6390_08 Datasheet
481Kb / 11P
1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev0, 13-May-08
More results


Similar Description - ACT6390

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
PWM Controlled Step-Up DC/DC Controllers/Converters
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Active-Semi, Inc
ACT6390 ACTIVE-SEMI-ACT6390_08 Datasheet
481Kb / 11P
1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev0, 13-May-08
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Active-Semi, Inc
ACT6390 ACTIVE-SEMI-ACT6390_14 Datasheet
404Kb / 12P
1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev 1, 22-Aug-13
logo
Texas Instruments
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com