Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8701 Datasheet (PDF) - Active-Semi, Inc

ACT8701 Datasheet PDF - Active-Semi, Inc
Part # ACT8701
Download  ACT8701 Download
File Size   73.8 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Four Channel Integrated Power Management IC for Handheld Portable Equipment

ACT8701 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8701 Datasheet PDF - Active-Semi, Inc

Part # ACT8701
Download  ACT8701 Click to download

File Size   73.8 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Four Channel Integrated Power Management IC for Handheld Portable Equipment

ACT8701 Datasheet (HTML) - Active-Semi, Inc


ACT8701 Product details

GENERAL DESCRIPTION
The patent-pending ACT8701 is a complete, cost-effective, highly-efficient ActivePMUTM power management solution that is ideal for a wide range of portable hand-held equipment. This device integrates two step-down DC/DC converters, one step-up DC/DC converter with over-voltage protection (OVP), and a full-featured, linear-mode Li+ battery charger into a single, thin, space-saving package.
   
FEATURES
• Multiple Patents Pending
• Li+ Battery Charger with Integrated MOSFET
    − ON/OFF Control and Status Indication
• Three Integrated Regulators
    − 350mA PWM Step-Down DC/DC
    − 550mA PWM Step-Down DC/DC
    − Step-Up DC/DC with OVP
• Minimal External Components
• 4x4mm, Thin-QFN (TQFN44-24) Package
    − Only 0.75mm Height
    − RoHS Compliant
   
APPLICATIONS
• Portable Devices and PDAs
• Digital Media Players
• Battery Operated Devices
• GPS Receivers, etc.
   




Similar Part No. - ACT8701

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8700 ACTIVE-SEMI-ACT8700 Datasheet
164Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
10-Aug-07
ACT8702 ACTIVE-SEMI-ACT8702 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8704 ACTIVE-SEMI-ACT8704 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
More results


Similar Description - ACT8701

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8700 ACTIVE-SEMI-ACT8700 Datasheet
164Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
10-Aug-07
ACT8702 ACTIVE-SEMI-ACT8702 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8704 ACTIVE-SEMI-ACT8704 Datasheet
73Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8710 ACTIVE-SEMI-ACT8710 Datasheet
111Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8332 ACTIVE-SEMI-ACT8332_10 Datasheet
296Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com