Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752984002 Datasheet (PDF) - Weidmuller

1752984002 Datasheet PDF - Weidmuller
Part # 1752984002
Download  1752984002 Download
File Size   434.65 Kbytes
Page   5 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description SL-SMT 3.50/02/180G 1.5SN BK RL

1752984002 Datasheet (PDF)

Go To PDF Page Download Datasheet
1752984002 Datasheet PDF - Weidmuller

Part # 1752984002
Download  1752984002 Click to download

File Size   434.65 Kbytes
Page   5 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description SL-SMT 3.50/02/180G 1.5SN BK RL

1752984002 Datasheet (HTML) - Weidmuller


1752984002 Product details

High-temperature-resistant male header, 3.50 mm pitch.
• Plugging direction parallel (90°), straight 180° or angled
(135°) to PCB
• Housing variants: closed side (G), screw flange (F), solder
flange (LF) or snap-on solder flange (RF)
• Optimised for the SMT process
• Pin length 3.2 mm universal for all soldering methods
• Pin length 1.5 mm optimised for reflow soldering methods
• Packed either in a box (BX) or tape-on-reel (RL)
• Male header can be coded




Similar Part No. - 1752984002

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1752982001 WEIDMULLER-1752982001 Datasheet
96Kb / 5P
SL-SMT3.5/2/180G 1.5SN
More results


Similar Description - 1752984002

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1752982001 WEIDMULLER-1752982001 Datasheet
96Kb / 5P
SL-SMT3.5/2/180G 1.5SN
1753002001 WEIDMULLER-1753002001 Datasheet
96Kb / 5P
SL-SMT3.5/4/180G 1.5SN
1753022001 WEIDMULLER-1753022001 Datasheet
96Kb / 5P
SL-SMT3.5/6/180G 1.5SN
1753122001 WEIDMULLER-1753122001 Datasheet
96Kb / 5P
SL-SMT3.5/16/180G 1.5SN
1775252001 WEIDMULLER-1775252001 Datasheet
83Kb / 4P
SL-SMT5.08/4/90LF 1.5SN
1775922001 WEIDMULLER-1775922001 Datasheet
92Kb / 5P
SL-SMT5.08/2/180G 1.5SN
1775952001 WEIDMULLER-1775952001 Datasheet
92Kb / 5P
SL-SMT5.08/5/180G 1.5SN
1796630000 WEIDMULLER-1796630000 Datasheet
89Kb / 4P
SL-SMT5.00/2/180G 1.5SN
1796660000 WEIDMULLER-1796660000 Datasheet
89Kb / 4P
SL-SMT5.00/5/180G 1.5SN
1862920000 WEIDMULLER-1862920000 Datasheet
371Kb / 35P
OMNIMATE Signal - series BC/SC 3.81 SC-SMT 3.81/02/180G 3.2SN BK BX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com