Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8740 Datasheet (PDF) - Active-Semi, Inc

ACT8740 Datasheet PDF - Active-Semi, Inc
Part # ACT8740
Download  ACT8740 Download
File Size   111.08 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Six Channel Integrated Power Management IC for Handheld Portable Equipment

ACT8740 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8740 Datasheet PDF - Active-Semi, Inc

Part # ACT8740
Download  ACT8740 Click to download

File Size   111.08 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Six Channel Integrated Power Management IC for Handheld Portable Equipment

ACT8740 Datasheet (HTML) - Active-Semi, Inc


ACT8740 Product details

GENERAL DESCRIPTION
The patent-pending ACT8740 is a complete, cost effective, highly-efficient ActivePMUTM power management solution that is ideal for a wide range of portable handheld equipment. This device integrates one PWM step-down DC/DC converter, one PWM step-up DC/DC converter with over-voltage protection (OVP), three low dropout linear regulators (LDOs) and a full-featured linear-mode Li+ battery charger into a single, thin, space-saving package. An I2C Serial Interface provides programmability for the DC/DC converters, LDOs and battery charger.
   
FEATURES
• Multiple Patents Pending
• Li+ Battery Charger with Integrated MOSFET
    − Programmable Charge Current up to 1A
    − ON/OFF Control
• Five Integrated Regulators
    − 350mA PWM Step-Down DC/DC
    − Step-Up DC/DC with OVP for WLED Bias
    − 350mA Low Noise LDO
    − 250mA Low Noise LDO
    − 250mA Low Noise LDO
• I2CTM Compatible Serial Interface
    − Programmable Output Voltages
    − Configurable Operating Modes
• Minimal External Components
• 4x4mm, Thin-QFN (TQFN44-24) Package
    − Only 0.75mm Height
    − RoHS Compliant
   
APPLICATIONS
• Portable Devices and PDAs
• Wireless Handhelds
• DMB Enabled Devices
• GPS Receivers, etc.
   




Similar Part No. - ACT8740

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
716Kb / 40P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev PrB, 25-Feb-08
ACT8740QLEGA-T ACTIVE-SEMI-ACT8740QLEGA-T Datasheet
716Kb / 40P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev PrB, 25-Feb-08
ACT8740 ACTIVE-SEMI-ACT8740_08 Datasheet
716Kb / 40P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev PrB, 25-Feb-08
More results


Similar Description - ACT8740

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8750 ACTIVE-SEMI-ACT8750 Datasheet
103Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8770 ACTIVE-SEMI-ACT8770 Datasheet
111Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
19-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8786 ACTIVE-SEMI-ACT8786 Datasheet
107Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796 Datasheet
108Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
31-Jan-08
ACT8798 ACTIVE-SEMI-ACT8798 Datasheet
109Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
31-Jan-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8798 ACTIVE-SEMI-ACT8798_08 Datasheet
646Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 10-Oct-08
ACT8796 ACTIVE-SEMI-ACT8796_09 Datasheet
692Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 2, 16-Nov-09
ACT8798 ACTIVE-SEMI-ACT8798_09 Datasheet
618Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 1, 16-Nov-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com