Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM2013-1.8XK3/TR Datasheet (PDF) - SG Micro Corp

SGM2013-1.8XK3/TR Datasheet PDF - SG Micro Corp
Part # SGM2013-1.8XK3/TR
Download  SGM2013-1.8XK3/TR Download
File Size   519.05 Kbytes
Page   10 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators

SGM2013-1.8XK3/TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM2013-1.8XK3/TR Datasheet PDF - SG Micro Corp

Part # SGM2013-1.8XK3/TR
Download  SGM2013-1.8XK3/TR Click to download

File Size   519.05 Kbytes
Page   10 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators

SGM2013-1.8XK3/TR Datasheet (HTML) - SG Micro Corp


SGM2013-1.8XK3/TR Product details

GENERAL DESCRIPTION

The SGM2013 low-power, low-dropout, CMOS linear voltage regulators operate from a 2.5V to 5.5V input and deliver up to 300mA. They are perfect choice for low voltage, low power applications. An ultra low ground current (200µA at 300mA output) makes them attractive for battery operated power systems. The SGM2013 series also offer ultra low dropout voltage (300mV at 300mA output) to prolong battery life in portable electronics

The output voltage is preset to voltages in the range of 1.8V to 3.3V. Other features include foldback current limit and thermal shut-down protection.

SGM2013 come in 3-pin SOT23 and 3-pin SOT89 package.



FEATURES

- Ultra-Low Dropout Voltage:

   300mV at 300mA output

- Low 77µA No-Load Supply Current

- Low 200µA Operating Supply Current at 300mA Output

- High PSRR

- Thermal-Overload Protection

- Output Current Limit

- Output Voltage:

   Available in Fixed Outputs 1.8V, 2.5V, 2.7V, 2.8V, 2.9V, 3.0V and 3.3V

  

APPLICATIONS

  Cellular Telephones

  Digital Cameras

  MP3、 MP4

  USB 2.0

  Modems

  PC Cameras

  Hand-Held Instruments

  Electronic Dictionarys

  Portable/Battery-Powered Equipment



 




Similar Part No. - SGM2013-1.8XK3/TR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2013 SONY-SGM2013 Datasheet
54Kb / 5P
GaAs N-channel Dual-Gate MES FET
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
GaAs N-channel Dual-Gate MES FET
More results


Similar Description - SGM2013-1.8XK3/TR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9131 GMT-G9131 Datasheet
264Kb / 10P
300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
300mA , Low Power, Low Dropout, Linear Regulators
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
Low Power, Low Dropout, 300mA, RF - Linear Regulators
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com