Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G913 Datasheet (PDF) - Global Mixed-mode Technology Inc

G913 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G913
Download  G913 Download
File Size   85.29 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 300mA Low-Dropout Linear Regulators

G913 Datasheet (PDF)

Go To PDF Page Download Datasheet
G913 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G913
Download  G913 Click to download

File Size   85.29 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 300mA Low-Dropout Linear Regulators

G913 Datasheet (HTML) - Global Mixed-mode Technology Inc


G913 Product details

General Description
The G913 is a low supply current, low dropout linear regulator that comes in a space saving SOT23-5 pack age. The supply current at no-load is 55µA. In the shutdown mode, the maximum supply current is less than 1µA. Operating voltage range of the G913 is from 2.5V to 5.5V. The over-current protection limit is set at 250mA typical and 150mA minimum. An overtem perature protection circuit is built-in in the G913 to prevent thermal overload. These power saving fea tures make the G913 ideal for use in the bat tery-powered applications such as notebook com puters, cellular phones, and PDA’s

Features
„● Low, 55µA No-Load Supply Current
„● Guaranteed 150mA Output Current
„● Dropout Voltage is 70mV @ 50mA Load
„● Over-Temperature Protection and Short-Circuit
● Protection
● Two Modes of Operation ----
          Fixed Mode: 2.84V (G913A), 3.15V (G913B),
          3.30V (G913C), 3.00V (G913D)
          Adjustable Mode: from 1.25V to 5.5V
„● Max. Supply Current in Shutdown Mode < 1µA
„● Low Output Noise at 220µVRMS
„● Stability with lost cost ceramic capacitors

Applications
„● Notebook Computers
„● Cellular Phones
„● PDAs
„● Digital still Camera and Video Recorder
„● Hand-Held Devices
„● Bar Code Scanners




Similar Part No. - G913

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
150mA Low-Dropout Linear Regulators
logo
Hamamatsu Corporation
G9130-21 HAMAMATSU-G9130-21 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-22 HAMAMATSU-G9130-22 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-23 HAMAMATSU-G9130-23 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-24 HAMAMATSU-G9130-24 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
More results


Similar Description - G913

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9131 GMT-G9131 Datasheet
264Kb / 10P
300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
Dual, 300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
Dual, 300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
Dual, 300mA Low-Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com