Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G913 Datasheet (PDF) - Interpoint Corporation Company

G913 Datasheet PDF - Interpoint Corporation Company
Part # G913
Download  G913 Download
File Size   214.11 Kbytes
Page   10 Pages
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company
Description 150mA Low-Dropout Linear Regulators

G913 Datasheet (PDF)

Go To PDF Page Download Datasheet
G913 Datasheet PDF - Interpoint Corporation Company

Part # G913
Download  G913 Click to download

File Size   214.11 Kbytes
Page   10 Pages
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company
Description 150mA Low-Dropout Linear Regulators

G913 Datasheet (HTML) - Interpoint Corporation Company


G913 Product details

General Description
The G913 is a low supply current, low dropout linear regulator that comes in a space saving SOT23-5 pack age. The supply current at no-load is 55µA. In the shutdown mode, the maximum supply current is less than 1µA. Operating voltage range of the G913 is from 2.5V to 5.5V. The over-current protection limit is set at 250mA typical and 150mA minimum. An overtem perature protection circuit is built-in in the G913 to prevent thermal overload. These power saving fea tures make the G913 ideal for use in the bat tery-powered applications such as notebook com puters, cellular phones, and PDA’s

Features
„● Low, 55µA No-Load Supply Current
„● Guaranteed 150mA Output Current
„● Dropout Voltage is 70mV @ 50mA Load
„● Over-Temperature Protection and Short-Circuit
● Protection
● Two Modes of Operation ----
          Fixed Mode: 2.84V (G913A), 3.15V (G913B),
          3.30V (G913C), 3.00V (G913D)
          Adjustable Mode: from 1.25V to 5.5V
„● Max. Supply Current in Shutdown Mode < 1µA
„● Low Output Noise at 220µVRMS
„● Stability with lost cost ceramic capacitors

Applications
„● Notebook Computers
„● Cellular Phones
„● PDAs
„● Digital still Camera and Video Recorder
„● Hand-Held Devices
„● Bar Code Scanners




Similar Part No. - G913

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
300mA Low-Dropout Linear Regulators
logo
Hamamatsu Corporation
G9130-21 HAMAMATSU-G9130-21 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-22 HAMAMATSU-G9130-22 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-23 HAMAMATSU-G9130-23 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
G9130-24 HAMAMATSU-G9130-24 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
More results


Similar Description - G913

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
150mA, Low Power, Low Dropout, Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
Dual, Low Dropout, 150mA RF - Linear Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
Linear Low-Dropout 150mA Voltage Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
150mA Low-Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com