Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G913 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # G913
Description  150mA Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

G913 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  G913 Datasheet HTML 1Page - Interpoint Corporation Company G913 Datasheet HTML 2Page - Interpoint Corporation Company G913 Datasheet HTML 3Page - Interpoint Corporation Company G913 Datasheet HTML 4Page - Interpoint Corporation Company G913 Datasheet HTML 5Page - Interpoint Corporation Company G913 Datasheet HTML 6Page - Interpoint Corporation Company G913 Datasheet HTML 7Page - Interpoint Corporation Company G913 Datasheet HTML 8Page - Interpoint Corporation Company G913 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Ver 0.9 Preliminary
Jan 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G913
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN= +3.6V, CIN=1µF, COUT=1µF, G913B, TA=25 °C, unless otherwise noted.)
Dropout Voltage vs. Load Current by G913
Load Transient
Dropout Voltage vs. Temperature
Line Transient
Load Transient
Load Transient
0
50
100
150
200
250
300
0
10
2030405060
708090 100 110 120 130 140 150
Load Current (mA)
TA=25°C
Top to Bottom
G913C
G913B
G913D
G913A
0
50
100
150
200
250
300
350
400
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
100 110 120
Junction Temperature TJ (℃)
G913C
ILOAD=150mA
ILOAD=50mA
ILOAD=0mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com