Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G914 Datasheet (PDF) - Global Mixed-mode Technology Inc

G914 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G914
Download  G914 Download
File Size   98.54 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 150mA Low-Dropout Linear Regulators

G914 Datasheet (PDF)

Go To PDF Page Download Datasheet
G914 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G914
Download  G914 Click to download

File Size   98.54 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 150mA Low-Dropout Linear Regulators

G914 Datasheet (HTML) - Global Mixed-mode Technology Inc


G914 Product details

General Description
The G914 is a low supply current, low dropout linear regulator that comes in a space saving SOT23-5 package. The supply current at no-load is 52µA. In the shutdown mode, the maximum supply current is less than 1µA. Operating voltage range of the G914 is from 2.5V to 5.5V. The over-current protection limit is set at 370mA typical and 150mA minimum. An overtemperature protection circuit is built-in in the G914 to prevent thermal overload. These power saving features make the G914 ideal for use in the battery-powered applications such as notebook computers, cellular phones, and PDA’s.
The G914 is a adjustable output version in a small SOT 23-5 package.

Features
■ Low, 52µA Ground Current
■ Guaranteed 150mA Output Current
■ Dropout Voltage is 100mV @ 50mA Load
■ Over-Temperature Protection and Short-Circuit Protection
■ Adjustable Mode: from 2.5V to 5.5V
■ Max. Supply Current in Shutdown Mode < 1µA
■ Low Output Noise is 170 µVRMS

Applications
■ Notebook Computers
■ Cellular Phones
■ PDAs
■ Digital still Camera and Video Recorders
■ Hand-Held Devices
■ Bar Code Scanners




Similar Part No. - G914

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9141 GMT-G9141 Datasheet
85Kb / 1P
600mA Low-Dropout Linear Regulators
G914A GMT-G914A Datasheet
275Kb / 10P
300mA Low-Noise LDO Regulators
G914A GMT-G914A Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
G914AF GMT-G914AF Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
G914B GMT-G914B Datasheet
275Kb / 10P
300mA Low-Noise LDO Regulators
More results


Similar Description - G914

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
150mA, Low Power, Low Dropout, Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
Dual, Low Dropout, 150mA RF - Linear Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
Linear Low-Dropout 150mA Voltage Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
150mA Low-Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com