Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3881 Datasheet (PDF) - Melexis Microelectronic Systems

US3881 Datasheet PDF - Melexis Microelectronic Systems
Part # US3881
Download  US3881 Download
File Size   461.56 Kbytes
Page   11 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Hall Latch Low Voltage & High Sensitivity

US3881 Datasheet (PDF)

Go To PDF Page Download Datasheet
US3881 Datasheet PDF - Melexis Microelectronic Systems

Part # US3881
Download  US3881 Click to download

File Size   461.56 Kbytes
Page   11 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Hall Latch Low Voltage & High Sensitivity

US3881 Datasheet (HTML) - Melexis Microelectronic Systems


US3881 Product details

General Description

The Melexis US3881 is a Hall-effect latch designed in mixed signal CMOS technology. The device integrates a voltage regulator, Hall sensor with dynamic offset cancellation system, Schmitt trigger and an open-drain output driver, all in a single package.

The low operating voltage and extended choice of temperature range make it suitable for use in automotive, industrial and consumer low voltage applications.



Features and Benefits

Operating voltage range from 2.2V to 18V

High magnetic sensitivity – Multi-purpose

CMOS technology

Chopper-stabilized amplifier stage

Low current consumption

Open drain output

Thin SOT23 3L and flat TO-92 3L both RoHS Compliant packages



Application Examples

Automotive, Consumer and Industrial

Solid-state switch

Brushless DC motor commutation

Speed detection

Linear position detection

Angular position detection

Proximity detection




Similar Part No. - US3881

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US3881 ETC-US3881 Datasheet
117Kb / 6P
CMOS Low Voltage Hall Effect Latch
logo
Melexis Microelectronic...
US3881ESE-AAA-000-RE MELEXIS-US3881ESE-AAA-000-RE Datasheet
805Kb / 11P
Hall Latch Low Voltage & High Sensitivity
logo
List of Unclassifed Man...
US3881ESO ETC-US3881ESO Datasheet
117Kb / 6P
CMOS Low Voltage Hall Effect Latch
US3881EUA ETC-US3881EUA Datasheet
117Kb / 6P
CMOS Low Voltage Hall Effect Latch
logo
Melexis Microelectronic...
US3881EUA-AAA-000-BU MELEXIS-US3881EUA-AAA-000-BU Datasheet
805Kb / 11P
Hall Latch Low Voltage & High Sensitivity
More results


Similar Description - US3881

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS732 SECELECTRONICS-SS732 Datasheet
265Kb / 10P
Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
Hall Latch - High Sensitivity
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
Hall Latch - High Sensitivity
logo
Melexis Microelectronic...
US3881 MELEXIS-US3881_12 Datasheet
805Kb / 11P
Hall Latch Low Voltage & High Sensitivity
logo
Diodes Incorporated
AH3768Q DIODES-AH3768Q Datasheet
529Kb / 13P
HIGH-VOLTAGE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
AH3769Q DIODES-AH3769Q Datasheet
526Kb / 13P
HIGH-VOLTAGE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
AH1711 DIODES-AH1711 Datasheet
650Kb / 12P
LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
AH1897S DIODES-AH1897S Datasheet
476Kb / 12P
LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com