Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1092 Datasheet (PDF) - Visual Communications Company

1092 Datasheet PDF - Visual Communications Company
Part # 1092
Download  1092 Download
File Size   611.11 Kbytes
Page   5 Pages
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company
Description 1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator

1092 Datasheet (PDF)

Go To PDF Page Download Datasheet
1092 Datasheet PDF - Visual Communications Company

Part # 1092
Download  1092 Click to download

File Size   611.11 Kbytes
Page   5 Pages
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company
Description 1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator

1092 Datasheet (HTML) - Visual Communications Company


1092 Product details

Application
• Food Service
• Transportation
• Industrial
• Maritime
• Medical
• People Mover
• Automation & Control
• Manufacturing
• Oil and Gas Industry

Key features
• Front panel snap-in. Snaps fit into 0.500” (12.7mm) panel hole requires no additional hardware
• High brightness LED for daylight viewing
• Available in four single colors: red, green, amber and blue
• Offered with a variety of lens options: Hi Hat, Hi Dome, Semi Dome and Small Dome
• Transparent and diffused lenses provide visibility during daylight
• Available in operating voltage of 12VDC, 28VDC and 125VAC
• Offered with wire leads (4.4”/4.8”) or tab terminal (0.187” x .020”)
• “Double D” mounting hole prevent any rotation of the indicator while the nut is being installed.
• Bezel finish: Polished stainless steel
• Designed, manufactured and tested in accordance with the relevant UL and CSA standards
• Order speed nuts separately to provide maximum fastening power with minimal installation torque
• Order gasket separately to provide water, oil, air and dust tight
• Compliant with RoHS and REACH requirements




Similar Part No. - 1092

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1092 SCHURTER-1092 Datasheet
697Kb / 7P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
LED illumination
logo
List of Unclassifed Man...
1092-01A-5 ETC-1092-01A-5 Datasheet
998Kb / 8P
End Launch Connector Series
1092-01A-6 ETC-1092-01A-6 Datasheet
998Kb / 8P
End Launch Connector Series
1092-02A-5 ETC-1092-02A-5 Datasheet
998Kb / 8P
End Launch Connector Series
More results


Similar Description - 1092

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1064S15-UR MARKTECH-MT1064S15-UR Datasheet
88Kb / 2P
Red Panel Mount LED w/6 Wire Leads
MT4164S4-HR6-2 MARKTECH-MT4164S4-HR6-2 Datasheet
96Kb / 2P
Red Panel Mount LED w/6 Wire Leads
logo
Dialight Corporation
557-0001-806 DIALIGHT-557-0001-806 Datasheet
325Kb / 1P
RED/GREEN BI-COLOR VDC LED PANEL MOUNT 2 LEADS INDICATOR
logo
List of Unclassifed Man...
PM5-S17 ETC1-PM5-S17 Datasheet
286Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
logo
Visual Communications C...
5100F VCC-5100F Datasheet
140Kb / 2P
LED Panel Mount Indicator
logo
Bivar, Inc.
PM5-A17W110AC BIVAR-PM5-A17W110AC Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17B28V BIVAR-PM5-S17B28V Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17R110AC BIVAR-PM5-S17R110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17W110AC BIVAR-PM5-S17W110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17Y110AC BIVAR-PM5-S17Y110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com