Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1016-BD Datasheet (PDF) - Mimix Broadband

XP1016-BD Datasheet PDF - Mimix Broadband
Part # XP1016-BD
Download  XP1016-BD Download
File Size   297.6 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 43.5-46.5 GHz GaAs MMIC Power Amplifier

XP1016-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XP1016-BD Datasheet PDF - Mimix Broadband

Part # XP1016-BD
Download  XP1016-BD Click to download

File Size   297.6 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 43.5-46.5 GHz GaAs MMIC Power Amplifier

XP1016-BD Datasheet (HTML) - Mimix Broadband


XP1016-BD Product details

General Description
Mimix Broadbands three stage 43.5-46.5 GHz GaAs MMIC power amplifier has a small signal gain of 14.0 dB with +24.0 dBm P1dB output compression point. This MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
• Excellent Driver Stage
• 14.0 dB Small Signal Gain
• +24.0 dBm P1dB Compression Point
• 100% On-Wafer RF, DC and Output Power Testing
• 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XP1016-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1016-BD MIMIX-XP1016-BD Datasheet
998Kb / 8P
43.5-46.5 GHz GaAs MMIC
XP1016-BD MIMIX-XP1016-BD_10 Datasheet
998Kb / 8P
43.5-46.5 GHz GaAs MMIC
More results


Similar Description - XP1016-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
44MPA0478 MIMIX-44MPA0478 Datasheet
436Kb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015 MIMIX-XP1015 Datasheet
1Mb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016 MIMIX-XP1016 Datasheet
673Kb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1028-BD MIMIX-XP1028-BD Datasheet
345Kb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD MIMIX-XP1015-BD Datasheet
228Kb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
logo
Hittite Microwave Corpo...
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
logo
Mimix Broadband
XP1015-BD MIMIX-XP1015-BD_10 Datasheet
1,002Kb / 8P
43.5-46.5 GHz GaAs MMIC
XP1016-BD MIMIX-XP1016-BD_10 Datasheet
998Kb / 8P
43.5-46.5 GHz GaAs MMIC
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
40.5 - 43.5 GHz Power Amplifier
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com